Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4GTL2002 Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI4GTL2002
Description  2-bit bidirectional low voltage translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4GTL2002 Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI4GTL2002 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4GTL2002 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4GTL2002 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4GTL2002 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4GTL2002 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4GTL2002 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4GTL2002 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4GTL2002 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI4GTL2002 Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2016-01-0001
PT0579
01/27/16
9
PI4GTL2002
2-bit bidirectional low voltage translator
Pull-up resistor minimum values, 15 mA driver/ sink current for PI4GTL2002
SREF Side
DREF side
1.5V
1.8V
2.5V
3.3V
5.0V
0.8V
RPU(S) = 165Ω
RPU(D) = 165Ω
RPU(S) = 187Ω
RPU(D) = 187Ω
RPU(S) = none
RPU(D) = 180Ω
Or both 239Ω
RPU(S) = none
RPU(D) = 239Ω
Or both 298Ω
RPU(S) = none
RPU(D) = 365Ω
Or both 424Ω
1.0V
RPU(S) = 178Ω
RPU(D) = 178Ω
RPU(S) = 200Ω
RPU(D) = 200Ω
RPU(S) = none
RPU(D) = 178Ω
Or both 253Ω
RPU(S) = none
RPU(D) = 237Ω
Or both 312Ω
RPU(S) = none
RPU(D) = 364Ω
Or both 438Ω
1.2V
RPU(S) = 214Ω
RPU(D) = 214Ω
RPU(S) = none
RPU(D) = 177Ω
Or both 266Ω
RPU(S) = none
RPU(D) = 236Ω
Or both 325Ω
RPU(S) = none
RPU(D) = 362Ω
Or both 451Ω
1.5V
RPU(S) = none
RPU(D) = 175Ω
Or both 286Ω
RPU(S) = none
RPU(D) = 234Ω
Or both 345Ω
RPU(S) = none
RPU(D) = 360Ω
Or both 471Ω
1.8V
RPU(S) = 306Ω
RPU(D) = 306Ω
RPU(S) = none
RPU(D) = 232Ω
Or both 366Ω
RPU(S) = none
RPU(D) =358Ω
Or both 492Ω
2.5V
RPU(S) = 413Ω
RPU(D) = 413Ω
RPU(S) = none
RPU(D) = 354Ω
Or both 539Ω
3.3V
RPU(S) = none
RPU(D) = 348Ω
Or both 593Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com