Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12281 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12281
Description  12-Bit, 20 MSPS Single-Ended Input, Pipelined A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12281 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC12281 Datasheet HTML 1Page - National Semiconductor (TI) ADC12281 Datasheet HTML 2Page - National Semiconductor (TI) ADC12281 Datasheet HTML 3Page - National Semiconductor (TI) ADC12281 Datasheet HTML 4Page - National Semiconductor (TI) ADC12281 Datasheet HTML 5Page - National Semiconductor (TI) ADC12281 Datasheet HTML 6Page - National Semiconductor (TI) ADC12281 Datasheet HTML 7Page - National Semiconductor (TI) ADC12281 Datasheet HTML 8Page - National Semiconductor (TI) ADC12281 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ADC12281
12-Bit, 20 MSPS Single-Ended Input, Pipelined A/D
Converter
General Description
The ADC12281 is a monolithic CMOS analog-to-digital con-
verter capable of converting analog input signals into 12-bit
digital words at 20 megasamples per second (MSPS). It
utilizes a pipeline architecture to minimize die size and
power dissipation. Self-calibration and error correction main-
tain accuracy and performance over temperature.
The ADC12281 operates on a 5V power supply and can
digitize single-ended analog input signals in the range of 0V
to 2V. A single convert clock controls the conversion opera-
tion and all digital I/O is TTL compatible.
The ADC12881 is designed to minimize external compo-
nents necessary for the analog input interface. An internal
sample-and-hold circuit samples the single-ended analog
input and an internal amplifier buffers the reference voltage
input.
The Power Down feature reduces power consumption to
20 mW, typical.
The ADC12281 is available in the 32-lead TQFP package
and is designed to operate over the industrial temperature
range of −40˚C to +85˚C.
Features
n
Single 5V power supply
n
Single-ended analog input
n
Internal sample-and-hold
n
Internal reference buffer amplifier
n
Low offset and gain errors
Key Specifications
n
Resolution
12 bits
n
Conversion rate
up to 20 MSPS
n
DNL
0.35 LSB (typ)
n
SNR
65.5 dB (typ)
n
ENOB
10.5 bits (typ)
n
Analog input range
2 V
PP (min)
n
Supply voltage
+5V ±5%
n
Power consumption, 20 MHz
443 mW (typ)
Applications
n
Digital signal processing front end
n
Digital television
n
Radar
n
High speed data links
n
Waveform digitizers
n
Quadrature demodulation
Connection Diagram
10102701
32-Lead TQFP Package
Order Number ADC12281CIVT
See NS Package Number VBE32A
TRISTATE&® is a registered trademark of National Semiconductor Corporation.
November 2002
© 2002 National Semiconductor Corporation
DS101027
www.national.com


Similar Part No. - ADC12281

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC122 MPSIND-ADC122 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
National Semiconductor ...
ADC1225 NSC-ADC1225 Datasheet
327Kb / 18P
12-Bit Plus Sign mP Compatible A/D Converters
ADC1225CCD NSC-ADC1225CCD Datasheet
327Kb / 18P
12-Bit Plus Sign mP Compatible A/D Converters
ADC1225CCD-1 NSC-ADC1225CCD-1 Datasheet
327Kb / 18P
12-Bit Plus Sign mP Compatible A/D Converters
ADC122S021 NSC-ADC122S021 Datasheet
941Kb / 19P
2 Channel, 1 MSPS 12-Bit A/D Converter
More results

Similar Description - ADC12281

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7935 FAIRCHILD-SPT7935 Datasheet
54Kb / 8P
12-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Analog Devices
AD9022 AD-AD9022 Datasheet
240Kb / 12P
12-Bit 20 MSPS Monolithic A/D Converter
REV.B
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
4/05-Rev. A to Rev. B
logo
Cadeka Microcircuits LL...
SPT7921 CADEKA-SPT7921 Datasheet
187Kb / 11P
12-BIT, 20 MSPS, TTL, A/D CONVERTER
SPT7935 CADEKA-SPT7935 Datasheet
156Kb / 8P
12-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Hittite Microwave Corpo...
HMCAD1041-40 HITTITE-HMCAD1041-40 Datasheet
695Kb / 12P
Single 10-Bit 20/40 MSPS A/D Converter
HMCAD1051-40 HITTITE-HMCAD1051-40 Datasheet
756Kb / 14P
Single 13/12-Bit 20/40 MSPS A/D Converter
logo
Analog Devices
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
12-Bit 20 MSPS Monolithic A/D Converter
REV. A
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
12 BIT 20 MSPS A/D CONVERTER
REV. 0
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com