Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12281 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12281
Description  12-Bit, 20 MSPS Single-Ended Input, Pipelined A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12281 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC12281 Datasheet HTML 1Page - National Semiconductor (TI) ADC12281 Datasheet HTML 2Page - National Semiconductor (TI) ADC12281 Datasheet HTML 3Page - National Semiconductor (TI) ADC12281 Datasheet HTML 4Page - National Semiconductor (TI) ADC12281 Datasheet HTML 5Page - National Semiconductor (TI) ADC12281 Datasheet HTML 6Page - National Semiconductor (TI) ADC12281 Datasheet HTML 7Page - National Semiconductor (TI) ADC12281 Datasheet HTML 8Page - National Semiconductor (TI) ADC12281 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Ordering Information
Industrial (−40˚C
≤ T
A
≤ +85˚C)
Package
ADC12281CIVT
32-Pin TQFP
Simplified Block Diagram
10102702
Pin Descriptions and Equivalent Circuits
Pin
Symbol
Equivalent Circuit
Description
2V
IN
Single-ended analog signal input. With a 2.0V
reference voltage, input signal voltages in the range
of 0V to 2.0V will be converted. See Section 1.2.
1V
REF
Reference voltage input. This pin should be driven
from an accurate, stable reference source in the
range of 1.8V to 2.2V and bypassed to a low-noise
ground with a monolithic ceramic capacitor,
nominally 0.01 µF. See Section 1.1.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com