Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201612E-R47M Datasheet(PDF) 1 Page - TOKO, Inc

Part # DFE201612E-R47M
Description  0.24~4.7?쵩
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

DFE201612E-R47M Datasheet(HTML) 1 Page - TOKO, Inc

  DFE201612E-R47M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DFE201612E
Inductance Range: 0.24~4.7
H
(Unit: mm)
(Unit: mm)
FEATURES
特長
 Miniature size: 2016 footprint (2.0mm×1.6mm) and low
profile(1.2mm Max. height)
 The use of magnetic iron powder ensure capability for
large current.
 The use of Flat wire for Low DC resistance.
 Magnetically shielded, low audible core noise.
 Reflow solderable.
 Operating temperature : -40~+125°C
 小型薄型構造 (2.0x1.6mm角、高さ1.2mm Max.)
 磁性材に鉄系磁性粉を用いた大電流対応
 平角線採用による低直流抵抗
 閉磁路構造、低コア鳴きノイズ
 リフロはんだ対応
 動作温度範囲:-40~+125°C
STANDARD PART NUMBERS
標準品一覧
TYPE DFE201612E(Quantity/reel; 3,000 PCS)
品番
インダクタンス
(1)
許容差
測定周波数
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(4)
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
Test
Frequency
(MHz)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(4)
T=40C
(A) Max. (Typ.)
DFE201612E-R24M=P2
0.24
20
1
19 (13)
6.6 (7.8)
5.0 (6.0)
DFE201612E-R33M=P2
0.33
20
1
21 (15)
6.3 (7.0)
4.8 (5.7)
DFE201612E-R47M=P2
0.47
20
1
26 (20)
5.5 (6.1)
4.5 (5.0)
DFE201612E-R68M=P2
0.68
20
1
33 (27)
4.3 (4.8)
3.5 (4.1)
DFE201612E-1R0M=P2
1.0
20
1
48 (40)
4.0 (4.4)
2.9 (3.4)
DFE201612E-1R5M=P2
1.5
20
1
72 (60)
3.2 (3.6)
2.3 (2.7)
DFE201612E-2R2M=P2
2.2
20
1
116 (97)
2.4 (2.7)
1.8 (2.1)
DFE201612E-4R7M=P2
4.7
20
1
252 (210)
1.8 (2.0)
1.2 (1.4)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent. Test frequency at 1MHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 20°C)
(3) Inductance Decrease Current based upon 30% inductance
reduction from the initial value
(4) Temperature Rise Current based upon 40°C temperature rise.
(Reference ambient temperature 20°C)
(1) インダクタンスはLCRメータ4284A (Agilent Technologies) また
は同等品により測定する。測定周波数は1MHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度20°C)
(3) 直流重畳許容電流:直流重畳電流を流した時インダクタンスの値
が初期値より30%減少する直流電流値
(4) 温度上昇許容電流:コイルの温度が40°C上昇する値
(周囲温度20°Cを基準とする。)
Recommended patterns
推奨パターン図
Metal Alloy Inductors
メタルアロイ
®インダクタ
L
L


Similar Part No. - DFE201612E-R47M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFE201612E-R47M TOKO-DFE201612E-R47M Datasheet
226Kb / 1P
Metal Alloy Inductors
logo
Murata Manufacturing Co...
DFE201612E-R47M MURATA-DFE201612E-R47M Datasheet
982Kb / 2P
Inductor
DFE201612E-R47M MURATA-DFE201612E-R47M Datasheet
2Mb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
logo
Kinetic Technologies.
DFE201612E-R47M KINETIC-DFE201612E-R47M Datasheet
1Mb / 25P
3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
December 2021 - Revision 04b
logo
Analog Devices
DFE201612E-R47M AD-DFE201612E-R47M Datasheet
1Mb / 17P
500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
Rev 0; 2/23
More results

Similar Description - DFE201612E-R47M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTW16N40E MOTOROLA-MTW16N40E Datasheet
217Kb / 8P
TMOS POWER FET 16 AMPERES 400 VOLTS RDS(on) = 0.24 OHM
logo
Intersil Corporation
FRM240D INTERSIL-FRM240D Datasheet
47Kb / 6P
16A, 200V, 0.24 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
logo
Fairchild Semiconductor
FDP19N40 FAIRCHILD-FDP19N40 Datasheet
264Kb / 9P
N-Channel MOSFET 400V, 19A, 0.24廓
logo
ON Semiconductor
MUN2132 ONSEMI-MUN2132 Datasheet
145Kb / 12P
Digital Transistors (BRT) R1 = 4.7 k, R2 = 4.7 k
September, 2012 ??Rev. 1
MUN2232 ONSEMI-MUN2232 Datasheet
140Kb / 12P
Digital Transistors (BRT) R1 = 4.7 k, R2 = 4.7 k
August, 2012 ??Rev. 0
logo
Fairchild Semiconductor
FDP19N40 FAIRCHILD-FDP19N40_12 Datasheet
232Kb / 8P
N-Channel MOSFET 400V, 19A, 0.24廓
logo
TOKO, Inc
DEM4514C TOKO-DEM4514C Datasheet
111Kb / 1P
Inductance Range: 1.2~33?쵩 (DEM4514C), 1.2~22 H (DEM4518C)
logo
Ningbo Foryard Optoelec...
FYT-2431AX-XX FORYARD-FYT-2431AX-XX Datasheet
405Kb / 5P
0.24 Inch (6.00mm) digit height Single Digit Display
logo
ON Semiconductor
MUN2132 ONSEMI-MUN2132_13 Datasheet
148Kb / 12P
Digital Transistors (BRT) R1 = 4.7 k, R2 = 4.7 kA
March, 2013 ??Rev. 2
logo
Kemet Corporation
C2220C244KDRLCAUTO KEMET-C2220C244KDRLCAUTO Datasheet
60Kb / 1P
KONNEKT Auto X7R, Ceramic, 0.24 uF, 10%, 1000 VDC, X7R
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com