Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL211 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XCL211
Description  3.1mm횞4.7mm, h=1.3mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL211 Datasheet(HTML) 2 Page - Torex Semiconductor

  XCL211 Datasheet HTML 1Page - Torex Semiconductor XCL211 Datasheet HTML 2Page - Torex Semiconductor XCL211 Datasheet HTML 3Page - Torex Semiconductor XCL211 Datasheet HTML 4Page - Torex Semiconductor XCL211 Datasheet HTML 5Page - Torex Semiconductor XCL211 Datasheet HTML 6Page - Torex Semiconductor XCL211 Datasheet HTML 7Page - Torex Semiconductor XCL211 Datasheet HTML 8Page - Torex Semiconductor XCL211 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2/16
XCL211/XCL212 series
CE/B
Error
Amp.
Vref with
Soft Start,
CE
Current Feedback
Current Limit
PWM
Comparator
UVLO
UVLO Cmp
Ramp Wave
Generator
OSC
Lx
FB
CE
Control
Logic
Inductor
GND
L2
L1
PWM/PFM
Selector
PVIN
AVIN
Phase
Compensation
R2
R1
Thermal
Shutdoun
Synch
Buffer
Drive
Logic
CE
■
BLOCK DIAGRAM
XCL211/XCL212 Series (USP-11B01)
* The XCL211 offers a fixed PWM control, a Control Logic of PWM/PFM Selector is fixed at “PWM” internally.
The XCL212 control scheme is a fixed PWM/PFM automatic switching, a Control Logic of PWM/PFM Selector is fixed at “PWM/PFM automatic
switching” internally.
Diodes inside the circuit are an ESD protection diode and a parasitic diode.
■
PRODUCT CLASSIFICATION
●
Ordering Information
XCL211①②③④⑤⑥
Fixed PWM
XCL212①②③④⑤⑥
PWM/PFM Auto Switching
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Type
B
Refer to Selection Guide
②③
Reference Voltage
08
Reference Voltage is fixed at 0.8V
④
Oscillation Frequency
2
2.4MHz
⑤⑥ (*1)
Package (Order Unit)
DR
USP-11B01 (*2) (1,000pcs/Reel)
(*1) Halogen free and EU RoHS compliant.
(*2) The USP-11B01 reels are shipped in a moisture-proof packing.
●
Selection Guide
TYPE
SOFT-START
TIME
CHIP
ENABLE
CURRENT
LIMITER
THERMAL
SHUTDOWN
UVLO
CL AUTO-
DISCHARGE
B
Fixed
Yes
Yes
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com