Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL211 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XCL211
Description  3.1mm횞4.7mm, h=1.3mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL211 Datasheet(HTML) 1 Page - Torex Semiconductor

  XCL211 Datasheet HTML 1Page - Torex Semiconductor XCL211 Datasheet HTML 2Page - Torex Semiconductor XCL211 Datasheet HTML 3Page - Torex Semiconductor XCL211 Datasheet HTML 4Page - Torex Semiconductor XCL211 Datasheet HTML 5Page - Torex Semiconductor XCL211 Datasheet HTML 6Page - Torex Semiconductor XCL211 Datasheet HTML 7Page - Torex Semiconductor XCL211 Datasheet HTML 8Page - Torex Semiconductor XCL211 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
XCL211/XCL212Series
2.0A Inductor Built-in Step-Down “micro DC/DC” Converters
☆
GreenOperation
Compatible
ETR28006-001
XCL211B082DR /XCL212B082DR
■
TYPICAL PERFORMANCE
CHARACTERISTICS
■
TYPICAL APPLICATION CIRCUIT
■
GENERAL DESCRIPTION
The XCL211/XCL212series is a synchronous step-down micro DC/DC converter which integrates an inductor and a control IC in
one tiny package (3.1mm×4.7mm, h=1.3mm).
An internal coil simplifies the circuit and enables minimization of noise and other operational trouble due to the circuit wiring.
A wide operating voltage range of 2.7V to 6.0V enables support for applications that require an externally set output voltage can
be selected. The XCL211/XCL212 series uses synchronous rectification at an operating frequency of 2.4MHz. PWM control
(XCL211) or automatic PWM/PFM switching control (XCL212) can be selected. The XCL211 series has a fixed frequency,
enabling the suppression of output ripple. The XCL212 series achieves high efficiency while holding down output ripple across the
full range of loads, from light to heavy, enabling the extension of battery operation time.
The series have a high speed soft-start as fast as 1ms in typical for quick turn-on. With the built-in UVLO (Under Voltage Lock
Out) function, the internal P-channel driver transistor is forced OFF when input voltage becomes 2.4V or lower. It’s suitable for
large-current application due to limit current is configured 4.0A in typical. The integrated CL discharge function which enables the
electric charge at the output capacitor CL to be discharged via the internal discharge switch located between the LX and GND
pins. Due to CL discharge function, malfunction on LX is prevented when Stand-by mode.
■
FEATURES
Package Size
: 3.1mm×4.7mm, h=1.3mm
Input Voltage
: 2.7V~6.0V
Output Voltage
: 0.9V~VIN (FB Voltage=0.8V±2%)
High Efficiency
: 94% (VIN=5.0V, VOUT=3.3V)
Output Current
: 2.0A
Oscillation Frequency : 2.4MHz (±15%)
Maximum Duty Cycle
: 100%
Control Methods
: PWM (XCL211)
PWM/PFM (XCL212)
Functions
: Current Limit Circuit (automatic return)
Soft-Start Circuit Built-In
CL Discharge, UVLO
Output Capacitor
: Low ESR Ceramic Capacitor
Operating Ambient Temperature : -40℃~+85℃
Package
: USP-11B01
Environmental Friendly : EU RoHS Compliant, Pb Free
■
APPLICATIONS
●
Note PCs
●
Printers
●
Tablet PCs
●
PND(Portable Navigation Device)
 
0
20
40
60
80
100
0.1
1
10
100
1000
10000
Output Current : IOUT (mA)
XCL211
XCL212
VIN=5.0V
VOUT=3.3V


Similar Part No. - XCL211

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL210 TOREX-XCL210 Datasheet
978Kb / 24P
50mA/200mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL213 TOREX-XCL213 Datasheet
556Kb / 16P
1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL219 TOREX-XCL219 Datasheet
1Mb / 20P
1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL219 TOREX-XCL219 Datasheet
1,008Kb / 20P
HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters
002
XCL219B083 TOREX-XCL219B083 Datasheet
1,008Kb / 20P
HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters
002
More results

Similar Description - XCL211

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT28-21C EVERLIGHT-PT28-21C Datasheet
206Kb / 7P
1.3mm Axial Flat Top Phototransistor
PT28-21B-TR8 EVERLIGHT-PT28-21B-TR8 Datasheet
186Kb / 10P
1.3mm Axial Flat Top Phototransistor
07-20-2005
logo
Maxim Integrated Produc...
MAX44269 MAXIM-MAX44269 Datasheet
3Mb / 14P
1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 0; 9/11
MAX44269_1112 MAXIM-MAX44269_1112 Datasheet
2Mb / 14P
1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 1; 12/11
logo
ITT Industries
CU-120220-0310 ITT-CU-120220-0310 Datasheet
354Kb / 2P
MICRO UNIVERSAL CONTACT Z 1.3MM
logo
CUI INC
PP-002D CUI-PP-002D Datasheet
95Kb / 1P
1.3mm POWER PLUG
logo
Rohm
SML-013UTT86 ROHM-SML-013UTT86 Datasheet
1Mb / 11P
Reflector type (3.0x2.0mm, t 1.3mm)
SML-012P8TT86 ROHM-SML-012P8TT86 Datasheet
441Kb / 11P
Reflector type (3.0횞2.0mm, t=1.3mm)
logo
CUI INC
PJ-030D-SMT CUI-PJ-030D-SMT Datasheet
87Kb / 1P
1.3mm SURFACE MOUNT POWER JACK
logo
Maxim Integrated Produc...
MAX44268 MAXIM-MAX44268 Datasheet
3Mb / 15P
1.3mm x 1.3mm, Low-Power Dual Comparator with Reference
19-6144; Rev 0; 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com