Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL212 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XCL212
Description  3.1mm횞4.7mm, h=1.3mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL212 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XCL212 Datasheet HTML 8Page - Torex Semiconductor XCL212 Datasheet HTML 9Page - Torex Semiconductor XCL212 Datasheet HTML 10Page - Torex Semiconductor XCL212 Datasheet HTML 11Page - Torex Semiconductor XCL212 Datasheet HTML 12Page - Torex Semiconductor XCL212 Datasheet HTML 13Page - Torex Semiconductor XCL212 Datasheet HTML 14Page - Torex Semiconductor XCL212 Datasheet HTML 15Page - Torex Semiconductor XCL212 Datasheet HTML 16Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13/16
XCL211/XCL212
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(4) Output Voltage vs. Ambient Temperature
VOUT=1.8V
VOUT=3.3V
(5) Oscillation Frequency vs. Ambient Temperature
XCL211B082DR VOUT=1.8V
XCL211B082DR VOUT=3.3V
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta (℃)
VOUT=3.3V
IOUT=1mA
VIN=4.0V
VIN=5.0V
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta (℃)
VIN=3.0V
VOUT=1.8V
IOUT=1mA
VIN=4.0V
VIN=5.0V
3.0
3.1
3.2
3.3
3.4
3.5
3.6
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta (℃)
XCL212
VIN=5.0V
XCL211
VIN=5.0V
VOUT=3.3V
IOUT=1000mA
1.5
1.6
1.7
1.8
1.9
2.0
2.1
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta (℃)
XCL211
VIN=3.0V,5.0V
XCL212
VIN=3.3V,5.0V
VOUT=1.8V
IOUT=1000mA
(6) Load Transient Response
XCL211B082DR Vout=1.8V
VOUT=1.8V
IOUT=1mA⇔2000mA
1
2
1ch:100mV/div, 2ch:IOUT SW 2.0V/div, H:100us/div
XCL212B082DR Vout=1.8V
VOUT=1.8V
IOUT=1mA⇔2000mA
1
2
1ch:100mV/div, 2ch:IOUT SW 2.0V/div, H:100us/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com