Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL212 Datasheet (PDF) - Torex Semiconductor

XCL212 Datasheet PDF - Torex Semiconductor
Part # XCL212
Download  XCL212 Download
File Size   626.06 Kbytes
Page   16 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 3.1mm횞4.7mm, h=1.3mm

XCL212 Datasheet (PDF)

Go To PDF Page Download Datasheet
XCL212 Datasheet PDF - Torex Semiconductor

Part # XCL212
Download  XCL212 Click to download

File Size   626.06 Kbytes
Page   16 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 3.1mm횞4.7mm, h=1.3mm

XCL212 Datasheet (HTML) - Torex Semiconductor




Similar Part No. - XCL212

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL210 TOREX-XCL210 Datasheet
978Kb / 24P
50mA/200mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL213 TOREX-XCL213 Datasheet
556Kb / 16P
1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL219 TOREX-XCL219 Datasheet
1Mb / 20P
1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL219 TOREX-XCL219 Datasheet
1,008Kb / 20P
HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters
002
XCL219B083 TOREX-XCL219B083 Datasheet
1,008Kb / 20P
HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters
002
More results


Similar Description - XCL212

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT28-21C EVERLIGHT-PT28-21C Datasheet
206Kb / 7P
1.3mm Axial Flat Top Phototransistor
PT28-21B-TR8 EVERLIGHT-PT28-21B-TR8 Datasheet
186Kb / 10P
1.3mm Axial Flat Top Phototransistor
07-20-2005
logo
Maxim Integrated Produc...
MAX44269 MAXIM-MAX44269 Datasheet
3Mb / 14P
1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 0; 9/11
MAX44269_1112 MAXIM-MAX44269_1112 Datasheet
2Mb / 14P
1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 1; 12/11
logo
ITT Industries
CU-120220-0310 ITT-CU-120220-0310 Datasheet
354Kb / 2P
MICRO UNIVERSAL CONTACT Z 1.3MM
logo
CUI INC
PP-002D CUI-PP-002D Datasheet
95Kb / 1P
1.3mm POWER PLUG
logo
Rohm
SML-013UTT86 ROHM-SML-013UTT86 Datasheet
1Mb / 11P
Reflector type (3.0x2.0mm, t 1.3mm)
SML-012P8TT86 ROHM-SML-012P8TT86 Datasheet
441Kb / 11P
Reflector type (3.0횞2.0mm, t=1.3mm)
logo
CUI INC
PJ-030D-SMT CUI-PJ-030D-SMT Datasheet
87Kb / 1P
1.3mm SURFACE MOUNT POWER JACK
logo
Maxim Integrated Produc...
MAX44268 MAXIM-MAX44268 Datasheet
3Mb / 15P
1.3mm x 1.3mm, Low-Power Dual Comparator with Reference
19-6144; Rev 0; 12/11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com