Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12441CMJ Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12441CMJ
Description  Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12441CMJ Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC12441CMJ Datasheet HTML 1Page - National Semiconductor (TI) ADC12441CMJ Datasheet HTML 2Page - National Semiconductor (TI) ADC12441CMJ Datasheet HTML 3Page - National Semiconductor (TI) ADC12441CMJ Datasheet HTML 4Page - National Semiconductor (TI) ADC12441CMJ Datasheet HTML 5Page - National Semiconductor (TI) ADC12441CMJ Datasheet HTML 6Page - National Semiconductor (TI) ADC12441CMJ Datasheet HTML 7Page - National Semiconductor (TI) ADC12441CMJ Datasheet HTML 8Page - National Semiconductor (TI) ADC12441CMJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Converter Electrical Characteristics
The following specifications apply for VCC e DVCC e AVCC ea50V Vb eb50V VREF ea50V Analog Input Source
Impedance e 600X and fCLK e 20 MHz unless otherwise specified Boldface limits apply for TA e TJ e TMIN to TMAX
all other limits TA e TJ e 25 C (Notes 6 7 and 8) (Continued)
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 9) (Notes 10 19)
(Limit)
DYNAMIC CHARACTERISTICS
(Continued)
THD
Bipolar Total Harmonic Distortion
fIN e 1 kHz VIN e g485V
b
82
dB
(Note 17)
fIN e 19688 kHz VIN e g485V
b
80
b
75
dB (max)
THD
Unipolar Total Harmonic Distortion
fIN e 1 kHz VIN e 485 Vp-p
b
82
dB
(Note 17)
fIN e 19688 kHz VIN e 485 Vp-p
b
80
b
75
dB (max)
Bipolar Peak Harmonic or
fIN e 1 kHz VIN e g485V
b
88
dB
Spurious Noise (Note 17)
fIN e 10 kHz VIN e g485V
b
84
dB
fIN e 20 kHz VIN e g485V
b
80
dB
Unipolar Peak Harmonic or
fIN e 1 kHz VIN e 485 Vp-p
b
90
dB
Spurious Noise (Note 17)
fIN e 10 kHz VIN e 485 Vp-p
b
86
dB
fIN e 20 kHz VIN e 485 Vp-p
b
82
dB
Bipolar Two Tone Intermodulation
VIN e g485V fIN1 e 19375 kHz
b
78
b
74
dB (max)
Distortion (Note 17)
fIN2 e 20625 kHz
Unipolar Two Tone Intermodulation
VIN e 485 Vp-p fIN1 e 19375 kHz
b
78
b
73
dB (max)
Distortion (Note 17)
fIN2 e 20625 kHz
b
3 dB Bipolar Full Power Bandwidth
VIN e g485V (Note 17)
25
20
kHz (Min)
b
3 dB Unipolar Full Power Bandwidth
VIN e 485 Vp-p (Note 17)
30
20
kHz (Min)
Aperture Time
100
ns
Aperture Jitter
100
psrms
Digital and DC Electrical Characteristics
The following specifications apply for DVCC e AVCC ea50V Vb eb50V VREF ea50V and fCLK e 20 MHz unless
otherwise specified Boldface limits apply for TA e TJ e TMIN to TMAX all other limits TA e TJ e 25 C
(Notes 6 and 7)
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 9)
(Notes 10 19)
(Limits)
VIN(1)
Logical ‘‘1’’ Input Voltage for
VCC e 525V
20
V (min)
All Inputs except CLK IN
VIN(0)
Logical ‘‘0’’ Input Voltage for
VCC e 475V
08
V (max)
All Inputs except CLK IN
IIN(1)
Logical ‘‘1’’ Input Current
VIN e 5V
0005
1
m
A (max)
IIN(0)
Logical ‘‘0’’ Input Current
VIN e 0V
b
0005
b
1
m
A (max)
VTa
CLK IN Positive-Going
28
27
V (min)
Threshold Voltage
VTb
CLK IN Negative-Going
21
23
V (max)
Threshold Voltage
VH
CLK IN Hysteresis
07
04
V (min)
VTa (min) b VTb (max)
VOUT(1)
Logical ‘‘1’’ Output Voltage
VCC e 475V
IOUT eb360 mA
24
V (min)
IOUT eb10 mA
45
V (min)
VOUT(0)
Logical ‘‘0’’ Output Voltage
VCC e 475V IOUT e 16 mA
04
V (max)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com