Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12441CMJ Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12441CMJ
Description  Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12441CMJ Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC12441CMJ Datasheet HTML 3Page - National Semiconductor (TI) ADC12441CMJ Datasheet HTML 4Page - National Semiconductor (TI) ADC12441CMJ Datasheet HTML 5Page - National Semiconductor (TI) ADC12441CMJ Datasheet HTML 6Page - National Semiconductor (TI) ADC12441CMJ Datasheet HTML 7Page - National Semiconductor (TI) ADC12441CMJ Datasheet HTML 8Page - National Semiconductor (TI) ADC12441CMJ Datasheet HTML 9Page - National Semiconductor (TI) ADC12441CMJ Datasheet HTML 10Page - National Semiconductor (TI) ADC12441CMJ Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Typical Performance Characteristics (Continued)
Linearity Error vs VREF
Frequency
Linearity Error vs Clock
Ambient Temperature
Full Scale Error Change vs
Input Frequency
NoiseaDistortion Ratio vs
Bipolar Signal-to-
Input Frequency
NoiseaDistortion Ratio vs
Unipolar Signal-to-
Input Source Impedance
NoiseaDistortion Ratio vs
Bipolar Signal-to-
Input Signal Level
NoiseaDistortion Ratio vs
Bipolar Signal-to-
Input Signal Level
NoiseaDistortion Ratio vs
Unipolar Signal-to-
with 10 kHz Sine Wave Input
Bipolar Spectral Response
with 1 kHz Sine Wave Input
Bipolar Spectral Response
with 1 kHz Sine Wave Input
Unipolar Spectral Response
with 10 kHz Sine Wave Input
Unipolar Spectral Response
TLH11017 – 9
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com