Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1832N Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1832N
Description  8V Output Solar Cell
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1832N Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1832N Datasheet HTML 1Page - IXYS Corporation CPC1832N Datasheet HTML 2Page - IXYS Corporation CPC1832N Datasheet HTML 3Page - IXYS Corporation CPC1832N Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1832-R04
1
CPC1832
8V Output Solar Cell
e3
Pb
Part #
Description
CPC1832N
16-Pin Clear Molded SOIC Package (50/Tube)
CPC1832NTR
16-Pin Clear Molded SOIC Package (1000/Reel)
Parameter
Rating
Units
Open Circuit Voltage
8
V
Short Circuit Current
50
A
* Direct sunlight (Approximately 6000 lux)
Applications
Features
Description
Ordering Information
Block Diagram
• Portable Electronics
• Solar Battery Chargers
• Battery Operated Equipment
• Consumer Electronics
• Off-Grid Installation
• Wireless Sensors and Detection
• Flame Detection
• Self Powered Sunlight/ Light Detection
• Self Powered Products
• Remote Installation
• 8V Output
• Triggers with Natural Sunlight
• Provides True Wireless Power
• No EMI/RFI Generation
• Wave Solderable
• Replacement of Discrete Components
• Solid State Reliability
The CPC1832 is a monolithic photovoltaic string
of solar cells on Silicon-On-Insulator (SOI). This
patented design allows for higher voltage solar cells
in a compact package. When operating in sunlight or
a bright artificial light environment, the optical energy
will activate the cell array, and generate a voltage at
the output. The solar cells are capable of generating a
floating source voltage and current sufficient to drive
and power CMOS ICs, logic gates, and/or provide
"trickle charge" for battery applications.
1
8
9
V-
V+
16


Similar Part No. - CPC1832N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1832N CLARE-CPC1832N Datasheet
88Kb / 3P
8V Output Solar Cell
CPC1832NTR CLARE-CPC1832NTR Datasheet
88Kb / 3P
8V Output Solar Cell
More results

Similar Description - CPC1832N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1822 CLARE-CPC1822 Datasheet
115Kb / 4P
4V Output Solar Cell
logo
Sanyo Semicon Device
AM-8702 SANYO-AM-8702 Datasheet
40Kb / 2P
Amorphous Solar Cell
logo
Clare, Inc.
CPC1822 CLARE-CPC1822_1 Datasheet
88Kb / 3P
4V Output Solar Cell
CPC1824 CLARE-CPC1824 Datasheet
88Kb / 3P
4V Output Solar Cell
CPC1831 CLARE-CPC1831 Datasheet
88Kb / 3P
8V Output Solar Cell
CPC1832 CLARE-CPC1832 Datasheet
88Kb / 3P
8V Output Solar Cell
logo
IXYS Corporation
CPC1822 IXYS-CPC1822 Datasheet
92Kb / 4P
4V Output Solar Cell
CPC1824 IXYS-CPC1824 Datasheet
92Kb / 4P
4V Output Solar Cell
CPC1831 IXYS-CPC1831 Datasheet
93Kb / 4P
8V Output Solar Cell
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com