Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1822 Datasheet (PDF) - Clare, Inc.

CPC1822 Datasheet PDF - Clare, Inc.
Part # CPC1822
Download  CPC1822 Download
File Size   115.4 Kbytes
Page   4 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description 4V Output Solar Cell

CPC1822 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC1822 Datasheet PDF - Clare, Inc.

Part # CPC1822
Download  CPC1822 Click to download

File Size   115.4 Kbytes
Page   4 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description 4V Output Solar Cell

CPC1822 Datasheet (HTML) - Clare, Inc.


CPC1822 Product details

Description

The CPC1822 is a monolithic photovoltaic string of solar cells with switching circuitry. When operating in sunlight or a bright artificial light environment the optical energy will activate the cell array and generate a voltage at the output. The solar cells are capable of generating a floating source voltage and current sufficient to drive and power CMOS IC’s, logic gates and/or provide “trickle charge” for battery applications.



Features

• 4V Output

• Triggers with Natural Sunlight

• Provides True Wireless Power

• No EMI/RFI G eneration

• Wave Solderable

• Replacement of Discrete Components

• Solid State Reliability

• Small 8-Pin Surface Mount SOIC



Applications

• Portable Electronics

• Solar Battery Chargers

• Battery Operated Equipment

• Consumer Electronics

• Off-Grid Installation

• Wireless Sensors and Detection

• Self Powered Sunlight/ Light Detection

• Self Powered Products

• Remote Installation



 




Similar Part No. - CPC1822

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1822 CLARE-CPC1822 Datasheet
88Kb / 3P
4V Output Solar Cell
logo
IXYS Corporation
CPC1822 IXYS-CPC1822 Datasheet
92Kb / 4P
4V Output Solar Cell
logo
Clare, Inc.
CPC1822N CLARE-CPC1822N Datasheet
88Kb / 3P
4V Output Solar Cell
logo
IXYS Corporation
CPC1822N IXYS-CPC1822N Datasheet
92Kb / 4P
4V Output Solar Cell
logo
Clare, Inc.
CPC1822NTR CLARE-CPC1822NTR Datasheet
88Kb / 3P
4V Output Solar Cell
More results


Similar Description - CPC1822

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
AM-8702 SANYO-AM-8702 Datasheet
40Kb / 2P
Amorphous Solar Cell
logo
Clare, Inc.
CPC1822 CLARE-CPC1822_1 Datasheet
88Kb / 3P
4V Output Solar Cell
CPC1824 CLARE-CPC1824 Datasheet
88Kb / 3P
4V Output Solar Cell
CPC1831 CLARE-CPC1831 Datasheet
88Kb / 3P
8V Output Solar Cell
CPC1832 CLARE-CPC1832 Datasheet
88Kb / 3P
8V Output Solar Cell
logo
IXYS Corporation
CPC1822 IXYS-CPC1822 Datasheet
92Kb / 4P
4V Output Solar Cell
CPC1824 IXYS-CPC1824 Datasheet
92Kb / 4P
4V Output Solar Cell
CPC1831 IXYS-CPC1831 Datasheet
93Kb / 4P
8V Output Solar Cell
CPC1832 IXYS-CPC1832 Datasheet
94Kb / 4P
8V Output Solar Cell
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com