Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1822 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1822
Description  4V Output Solar Cell
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1822 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1822 Datasheet HTML 1Page - Clare, Inc. CPC1822 Datasheet HTML 2Page - Clare, Inc. CPC1822 Datasheet HTML 3Page - Clare, Inc. CPC1822 Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and product
descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare’s Standard Terms and Conditions of Sale, Clare, Inc. assumes no
liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement
of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other applications intended
to support or sustain life, or where malfunction of Clare’s product may result in direct physical harm, injury, or death to a person or severe property or environmental damage. Clare, Inc. reserves the right to
discontinue or make changes to its products at any time without notice.
Specification: DS-CPC1822-R0B
©Copyright 2005, Clare, Inc.
All rights reserved. Printed in USA.
8/23/05
For additional information please visit our website at: www.clare.com
Manufacturing Information
Soldering
Recommended soldering processes are limited to
245ºC component body temperature for 10 seconds.
Washing
Clare does not recommend ultrasonic cleaning or the
use of chlorinated solvents.
Dimensions:
mm
(inches)
8-Pin SOIC
5.8014 MIN - 6.1976 MAX
(0.2284 MIN - 0.2440 MAX)
3.8024 MIN - 3.9980 MAX
(0.1497 MIN - 0.1574 MAX)
PIN
8
PIN
1
4.8006 MIN - 4.9987 MAX
(0.1890 MIN - 0.1968 MAX)
7° ± 1° top and bottom
4 places
0.1016 MIN - 0.2489 MAX
(0.0040 MIN - 0.0098 MAX)
1.2192 MIN - 1.3208 MAX
(0.0480 MIN - 0.0520 MAX)
0.3302 MIN - 0.5080 MAX
(0.0130 MIN - 0.0200 MAX)
1.3513 MIN - 1.7475 MAX
(0.0532 MIN - 0.0688 MAX)
0.2515 MIN - 0.4978 MAX x 45°
(0.0099 MIN - 0.0196 MAX x 45°)
0.1905 MIN - 0.2489 MAX
(0.0075 MIN - 0.0098 MAX)
0.4064 MIN - 1.2700 MAX
(0.0160 MIN - 0.0500 MAX)
0°-8°
0.6706 MIN - 0.8230 MAX
(0.0264 MIN - 0.0324 MAX)
MECHANICAL DIMENSIONS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com