Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1822 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1822
Description  4V Output Solar Cell
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1822 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1822 Datasheet HTML 1Page - Clare, Inc. CPC1822 Datasheet HTML 2Page - Clare, Inc. CPC1822 Datasheet HTML 3Page - Clare, Inc. CPC1822 Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.clare.com
DS-CPC1822-R0B
1
CPC1822
4V Output Solar Cell
Part #
Description
CPC1822N
8-Pin Clear Molded SOIC Package
CPC1822
Units
Open Circuit Voltage
4
V
Short Circuit Current
50
uA
* Direct sunlight (Approximately 6000 lux)
Applications
Features
Description
Ordering Information
Pin Configuration
•
Portable Electronics
•
Solar Battery Chargers
•
Battery Operated Equipment
•
Consumer Electronics
•
Off-Grid Installation
•
Wireless Sensors and Detection
•
Self Powered Sunlight/ Light Detection
•
Self Powered Products
•
Remote Installation
•
4V Output
•
Triggers with Natural Sunlight
•
Provides True Wireless Power
•
No EMI/RFI Generation
•
Wave Solderable
•
Replacement of Discrete Components
•
Solid State Reliability
•
Small 8-Pin Surface Mount SOIC
The CPC1822 is a monolithic photovoltaic string of
solar cells with switching circuitry. When operating
in sunlight or a bright artificial light environment the
optical energy will activate the cell array and generate
a voltage at the output. The solar cells are capable
of generating a floating source voltage and current
sufficient to drive and power CMOS IC’s, logic gates
and/or provide “trickle charge” for battery applications.
1
4
5 V-
V+
8
2
3
7
6
8-Pin SOIC


Similar Part No. - CPC1822

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1822 CLARE-CPC1822 Datasheet
88Kb / 3P
4V Output Solar Cell
logo
IXYS Corporation
CPC1822 IXYS-CPC1822 Datasheet
92Kb / 4P
4V Output Solar Cell
logo
Clare, Inc.
CPC1822N CLARE-CPC1822N Datasheet
88Kb / 3P
4V Output Solar Cell
logo
IXYS Corporation
CPC1822N IXYS-CPC1822N Datasheet
92Kb / 4P
4V Output Solar Cell
logo
Clare, Inc.
CPC1822NTR CLARE-CPC1822NTR Datasheet
88Kb / 3P
4V Output Solar Cell
More results

Similar Description - CPC1822

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
AM-8702 SANYO-AM-8702 Datasheet
40Kb / 2P
Amorphous Solar Cell
logo
Clare, Inc.
CPC1822 CLARE-CPC1822_1 Datasheet
88Kb / 3P
4V Output Solar Cell
CPC1824 CLARE-CPC1824 Datasheet
88Kb / 3P
4V Output Solar Cell
CPC1831 CLARE-CPC1831 Datasheet
88Kb / 3P
8V Output Solar Cell
CPC1832 CLARE-CPC1832 Datasheet
88Kb / 3P
8V Output Solar Cell
logo
IXYS Corporation
CPC1822 IXYS-CPC1822 Datasheet
92Kb / 4P
4V Output Solar Cell
CPC1824 IXYS-CPC1824 Datasheet
92Kb / 4P
4V Output Solar Cell
CPC1831 IXYS-CPC1831 Datasheet
93Kb / 4P
8V Output Solar Cell
CPC1832 IXYS-CPC1832 Datasheet
94Kb / 4P
8V Output Solar Cell
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com