Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4148WN Datasheet(PDF) 6 Page - Nanjing International Group Co

Part # CD4148WN
Description  Switching Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

CD4148WN Datasheet(HTML) 6 Page - Nanjing International Group Co

  CD4148WN Datasheet HTML 1Page - Nanjing International Group Co CD4148WN Datasheet HTML 2Page - Nanjing International Group Co CD4148WN Datasheet HTML 3Page - Nanjing International Group Co CD4148WN Datasheet HTML 4Page - Nanjing International Group Co CD4148WN Datasheet HTML 5Page - Nanjing International Group Co CD4148WN Datasheet HTML 6Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
CD4148WN
Recommended Soldering Footprint:
■
Reflow/Wave Soldering
Dimension/ mm
Product Size
A
B
C
D
1206
3.8-4.6
2.2
0.8-1.2
1.5-1.7
Storage Condition: Product termination solderability can degrade due to high temperature and
humidity or chemical environment. Storage condition must be in an ambient temperature of <40oC
and ambient humidity of <75%RH, and free from chemical.
ENVIRONMENTAL CHARACTERISTICS
Hazardous Substance or Element/ppm
Pb
Cd
Hg
Cr6+
PBB
PBDE
Product
<1000
<100
<1000
<1000
<1000
<1000
Halogen Substance/ ppm
F
Cl
Br
I
Total
Product
<900
<900
<900
<900
<1500
PACKING METHOD
Quality/Reel
Reel Size
Tape
Product
5,000pcs
7”
Paper
DISCLAIMERS
These products are not designed for use in applications where any failure or malfunction may resulted in
personal injury, death or severe property or environmental damage such as medical, military, aircraft,
space or life support equipments.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com