Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4148WN Datasheet(PDF) 4 Page - Nanjing International Group Co

Part # CD4148WN
Description  Switching Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

CD4148WN Datasheet(HTML) 4 Page - Nanjing International Group Co

  CD4148WN Datasheet HTML 1Page - Nanjing International Group Co CD4148WN Datasheet HTML 2Page - Nanjing International Group Co CD4148WN Datasheet HTML 3Page - Nanjing International Group Co CD4148WN Datasheet HTML 4Page - Nanjing International Group Co CD4148WN Datasheet HTML 5Page - Nanjing International Group Co CD4148WN Datasheet HTML 6Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
CD4148WN
APPLICATIONS
Function: Fast switching, suit for AC switching input as rectified circuit and high reverse voltage
location application
Typical Application circuit:
Typical Product field: Power supply, adapter & inverter
Soldering Condition:
Soldering Condition & Caution
■
Recommended Soldering Condition
(Refer to IPC/JEDEC J-STD-020D 4-1&5.2)
Recommended Profile Condition
Sn-Pb Soldering
Leadfree
Soldering
Wave Soldering
Ramp-up rate (from pre-heat stage)
<3oC/s
<3oC/s
T<150
△
oC
Pre-heat Temperature & Time
100-150 oC
60-120s
150-200 oC
60-120s
100-150 oC
60-120s
Soldering Temperature & Time
183 oC
60-150s
217 oC
60-150s
260±5oC
5±2s
Peak Temperature
230±5oC
<260oC
245±5oC
<260oC
260±5oC
Time within 5oC of peak temperature
10-20s
20-30s
-
Ramp-down rate
<6oC/s
<6oC/s
<6oC/s
Time 25oC to peak temperature
<6min
<8min
-
Manual Soldering: Approx. 350oC for 3s, avoid solder iron tip direct touch the components body



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com