Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF005S Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # DF005S
Description  SINGLE PHASE 1.0AMPSURFACEMOUNT BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

DF005S Datasheet(HTML) 1 Page - Nanjing International Group Co

  DF005S Datasheet HTML 1Page - Nanjing International Group Co DF005S Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 1.0AMPSURFACEMOUNT BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating25Cambienttemperatureuniessotherwiesspecified.
Singlephasehalfwave,60Hz,resistiveorinductiveload.
Forcapacitiveload,deratecurrentby20%.
TYPE NUMBER
MaximumRecurrentPeakReverseVoltage
MaximumRMSVoltage
MaximumDCBlockingVoltage
MaximumAverageForwardRectifiedCurrent
.375"(9.5mm)LeadLengthatTa=40C
Dimensions ininchesand(millimeters)
FEATURES
PeakForward SurgeCurrent,8.3mssinglehalfsine-wave
superimposedonratedload(JEDECmethod)
MaximumForwardVoltageDropperBridgeElementat1.0AD.C.
MaximumDCReverseCurrent
Ta=25 C
atRatedDCBlockingVoltage
Ta=125C
StorageTemperatureRange,TSTG
OperatingTemperatureRange,Tj
DF005S
DF01S
D02S
DF04S
DF06S
DF08S
DF10S
UNITS
50
100
200
400
600
800
1000V
50
100
200
400
600
800
1000V
35
70
140
280
420
560
700
1.0
50
5
500
-65
+150
-65
+150
V
A
A
V
µA
µA
C
C
*Idealforprintedcircuitboard
*Reliablelowcostconstructionutilizingmolded
plastictechnique
*Highsurgecurrentcapability
*Polarity:markedonbody
*Mountingposition:Any
*Weight:1.0grams
DF005S
DF10S
THRU
1.0
.255(6.5)
.335(8.3)
.102(2.6)
.406(10.3)
.014(.35)
.060(1.5)
.205(5.2)
.323(8.2)
.047(1.2)
.245(6.2)
.307(7.8)
.089(2.2)
.394(10.0)
.003(.08)
.040(1.0)
.195(5.0)
.315(8.0)
.037(0.95)
+
~
~
DF-1S
VOLTAGE RANGE
50to 1000 Volts
CURRENT
1.0Ampere
*Both normal and Pb free product are available:
*Normal:80~95%Sn,5~20%Pb
*Pb free:99 Sn above can meet Rohs enviroment substance
directive request
.031(0.8)
.024(0.6)


Similar Part No. - DF005S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF005S WTE-DF005S Datasheet
57Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
DF005S ZOWIE-DF005S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
DF005S JGD-DF005S Datasheet
137Kb / 2P
SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
DF005S SSE-DF005S Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER
logo
Fairchild Semiconductor
DF005S FAIRCHILD-DF005S Datasheet
33Kb / 3P
1.5 Ampere Bridge Rectifiers
More results

Similar Description - DF005S

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
GBPC15005 SIRECTIFIER-GBPC15005 Datasheet
70Kb / 2P
Single Phase Bridge Rectifiers
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
GBJ10005 SIRECTIFIER-GBJ10005 Datasheet
113Kb / 2P
Single Phase Bridge Rectifiers
GBJ8005 SIRECTIFIER-GBJ8005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
Single Phase Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBU4A SEMTECH_ELEC-KBU4A Datasheet
191Kb / 1P
SINGLE - PHASE BRIDGE RECTIFIERS
logo
KEC(Korea Electronics)
MB6M KEC-MB6M Datasheet
52Kb / 2P
Single-Phase Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
2W005M-2A-WOM YFWDIODE-2W005M-2A-WOM Datasheet
295Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIERS
logo
Sirectifier Semiconduct...
GBJ25005 SIRECTIFIER-GBJ25005_16 Datasheet
88Kb / 2P
Single Phase Bridge Rectifiers
S1PDB25005 SIRECTIFIER-S1PDB25005 Datasheet
137Kb / 2P
Single Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com