Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF005S Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # DF005S
Description  SINGLE PHASE 1.0AMPSURFACEMOUNT BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

DF005S Datasheet(HTML) 2 Page - Nanjing International Group Co

  DF005S Datasheet HTML 1Page - Nanjing International Group Co DF005S Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATINGANDCHARACTERISTICCURVES (DF005S THRU DF10S)
FIG.4-TYPICALREVERSE
CHARACTERISTICS
FIG.1-TYPICALFORWARDCURRENT
PERCENTAGEOFPEAKREVERSEVOLTAGE,(%)
0.2
0.4
0.6
0.8
1.0
1.2
20
4 0
60
80
100 120 140
3.0
SinglePhase
HalfWave60Hz
ResistiveOrInductiveLoad
AMBIENTTEMPERATURE(C)
DERATINGCURVE
0.1
1.0
.01
10
50
FIG.3-TYPICALFORWARD
CHARACTERISTICS
FORWARDVOLTAGE,(V)
PulseWidth300us
1%DutyCycle
0
.2
.4
. 6
.8
1.0
1.2
1.4
3.0
0
2 5
50
75
100
125
150
175
Tj=25C
Tj=25C
FIG.2-MAXIMUMNON-REPETITIVEFORWARD
SURGECURRENT
0
20
10
30
50
40
NUMBEROFCYCLESAT60Hz
1
10
5
50
100
Tj=25C
8.3msSingleHalf
SineWave
JEDECmethod



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com