Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3PD22920 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3PD22920
Description  Ultra Small, Low-Input Voltage, Low RON Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3PD22920 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3PD22920 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
PI3PD22920
Ultra Small, Low-Input Voltage, Low RON Load Switch
www.pericom.com
P-0.1
02/14/13
DC Electrical Characteristics Unless otherwise specified, VIN = 0.75V to 3.6V
Parameter
Conditions
TA1
Min.
Typ. Max. Unit
Power Switch
IIN
Quiescent current
IOUT = 0, VIN = VON
VIN = 3.6V
Full
37
47
μA
VIN = 2.5V
23
30
VIN = 1.8V
14
25
VIN = 1.2V
9
11
VIN = 1.05V
4
11
VIN = 0.75V
2
5
IIN(LEAKAGE) OFF-state supply current
VON = GND, VOUT = 0
Full
5.5
μA
RON
ON-state resistance
IOUT = -200 mA
VIN = 3.6V
25°C
5.3
8.8
mΩ
Full
9.8
VIN = 2.5V
25°C
5.4
8.9
Full
9.9
VIN = 1.8V
25°C
5.5
9.1
Full
10.1
VIN = 1.2V
25°C
5.8
9.4
Full
10.4
VIN = 1.05V
25°C
6.1
9.7
Full
10.8
VIN = 0.75V
25°C
7.3
11.0
Full
12.4
rPD
Output pulldown resistance2 VIN = 3.3 V, VON = 0, IOUT = 3 mA
Full
1250
1500
Ω
ION
ON input leakage current
VON = 0.75V to 3.6 V or GND
Full
0.1
μA
Note:
1. Typical values are at VIN = 3.3 V and TA = 25°C.
2. See Output Pulldown in Application Information.
Switching Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VIN = 3.6V, TA = 25˚C (Unless otherwise specified)
tON
Turn-ON time
RL = 10Ω CL = 0.1μF
VIN = 3.6V
970
μs
tOFF
Turn-OFF time
3
μs
tr
VOUT rise time
880
μs
tf
VOUT fall time
2
μs
VIN = 0.9V, TA = 25˚C (Unless otherwise specified)
tON
Turn-ON time
RL = 10Ω CL = 0.1μF
VIN = 0.9V
840
μs
tOFF
Turn-OFF time
16
μs
tr
VOUT rise time
470
μs
tf
VOUT fall time
5
μs
13-0013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com