Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3PD22920 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3PD22920
Description  Ultra Small, Low-Input Voltage, Low RON Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3PD22920 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3PD22920 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3PD22920 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
PI3PD22920
Ultra Small, Low-Input Voltage, Low RON Load Switch
www.pericom.com
P-0.1
02/14/13
Recommended Operating Conditions
Symbol Parameter
Min.
Max.
Unit
VIN
Input voltage range
0.75
3.6
V
VOUT
Output voltage range
VIN
V
VIH
High-level input voltage range, ON
VIN = 2.5 V to 3.6 V
1.2
3.6
V
VIN = 0.75 V to 2.5 V
0.9
3.6
V
VIL
Low-level input voltage range, ON
VIN = 2.5 V to 3.6 V
0.6
V
VIN = 0.75 V to
2.49 V
0.4
V
CIN
Input capacitor
1
μF
VIN, Input voltage range.......................................................... –0.3V to 4V
VOUT, Output voltage range........................................................VIN+0.3V
VON , Input voltage range........................................................ –0.3V to 4V
IMAX, Maximum continuous switch current..........................................4A
IPLS, Maximum pulsed current (300-μs pulse, 2% duty cycle) .............. 6A
TA, Operating free-air temperature range ...........................–40˚C to 85 °C
TJ, Maximum junction temperature..................................................125 °C
TSTG, Storage temperature range........................................–65˚C to 150 °C
TLEAD, Maximum lead temperature(10-s soldering time).................300 °C
ESD, Electrostatic discharge protection ,
Charged Device Model(CDM).................................................................1000V
Human-Body Model(HBM).....................................................................8000V
Abosolute Maximum Ratings
Note:
Stresses beyond those listed under absolute maxi-
mum ratings may cause permanent damage to the
device. These are stress ratings only, and functional
operation of the device at these or any other condi-
tions beyond those indicated under Recommended
Operating Conditions is not implied. Exposure to
absolute-maximum-rated conditions for extended
periods may affect device reliability.
13-0013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com