Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5PD2557 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5PD2557
Description  Precision Adjustable Current -Limited Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5PD2557 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5PD2557 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-08-0011
PT0497-4
08/31/15
4
PI5PD2556/2557
Precision Adjustable
Current-Limited Power Switch
Parameter Measurement information
Figure 2 Test Circuit and Voltage Waveforms
Figure 3 Typical Characteristics Reference Schematic
COUT=150uF
IN
O UT
G ND
/FAU LT
IL IM
Cin
0. 1uF
Cout
Vout
IN
R1
10 0k
Con trol In put
/FAULT1 Sign al
P ow er Pa d
O UT
Radj
EN
Vout
RLIM=24.9kohm
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com