Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5PD2557 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5PD2557
Description  Precision Adjustable Current -Limited Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5PD2557 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5PD2557 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-08-0011
PT0497-4
08/31/15
3
PI5PD2556/2557
Precision Adjustable
Current-Limited Power Switch
DC Electrical Characteristics
VI(IN)= 5.0V; TA=-40°C to +85°C; unless otherwise specified.
Sym
Description
Test Conditions
(1)
Min
Typ
Max
Unit
Power Switch
RDS(on)
Static drain-source on-state resistance
-
-
22
35
mΩ
tr
Rise time, output
VI(IN) = 5.0V
CL = 1F,
RL = 100Ω
1
2
4
ms
VI(IN) = 2.5V
0.5
1
3
tf
Fall time, output
VI(IN) = 5.0V
0.3
0.5
1.0
VI(IN) = 2.5V
0.2
0.4
0.6
Enable EN
VIH
High-level input voltage
2.5 V ≤ VI(IN) ≤ 5.5 V
1.1
-
-
V
VIL
Low-level input voltage
2.5 V ≤ VI(IN) ≤ 5.5 V
-
-
0.6
ton
Turn on time
CL = 1F, RL = 100Ω
-
-
5
ms
toff
Turn off time
-
-
2
Current Limit
IOS
Current-limit threshold @ VOUT = VIN * 0.8
RILIM=27.4 kΩ
3750
4040
4260
mA
RILIM=61.9kΩ
1590
1785
1960
RILIM=100kΩ
935
1100
1260
I
OC_TRIP
Overcurrent trip threshold
VIN = 5 V, current ramp
(≤ 100 A/s) on OUT
RILIM=27.4kΩ
3800
4500
5000
VIN = 5 V, current ramp
(≤ 100 A/s) on OUT
RILIM=100kΩ
950
1250
1500
tIOS
Response time to short circuit
VIN = 5.0V
-
3.5
-
s
Supply Current
ISTB
Input supply current at output disable
No load on OUT, VEN=disable
TA =25°C
-
0.1
2
A
ISS
Input supply current at output enable
No load on OUT,
VEN=5.0V ,
TA=25°C
RILIM=24.9kΩ
-
95
120
RILIM=100kΩ
-
85
110
IREV
Reverse Leakage Current
VOUTx=5.5V, VIN=0V, TA=25°C
-
0.01
1.0
Under Voltage Lockout
UVLO
Low-level input voltage
VIN Rising
-
2.35
2.45
V
Hysteresis for low-level input voltage
TA=25°C
-
35
-
mV
/FAULT FLAG
VOL
Output low voltage
I/FAULT =1mA
-
-
180
mV
IOFF
Off-state leakage
V/FAULT =5.5V
-
-
1
A
TD
/FAULT deglitch
FAULT assertion or de-assertion
due to over-current condition
4
9
15
ms
Thermal Shutdown
OTSD2
Thermal shutdown threshold
-
-
155
-
°C
OTSD
Thermal shutdown threshold in current-
limit
-
-
135
-
Hysteresis
-
-
20
-
Note:
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com