Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR200-B10 Datasheet(PDF) 1 Page - LEM

Part # APR200-B10
Description  AC Current transducer APR-B10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

APR200-B10 Datasheet(HTML) 1 Page - LEM

  APR200-B10 Datasheet HTML 1Page - LEM APR200-B10 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical data
Primary Nominal Current
Analogue Output Signal
Type
I
PN (A.t.RMS)
V
OUT (V)
10,25,50
0-5V or 0-10V
APR 50 B10
50,75,100
0-5V or 0-10V
APR 100 B10
100,150,200
0-5V or 0-10V
APR 200 B10
200,300,400
0-5V or 0-10V
APR 400 B10
R
L
Load resistance
≥ 10
k
Ω
V
C
Supply voltage
+24 ±5% V DC
V
d
R.m.s. voltage for AC isolation test, 50/60Hz, 1 mn
5
kV
Limitation of voltage output
18
V
Accuracy-Dynamic performance data
X
Accuracy @ I
PN, TA = 25°C (without offset)
< ±1
% of I
PN
εε
L
Linearity (0 .. ± I
PN)
< ±0.5
% of I
PN
V
OE
Electrical offset voltage, T
A = 25°C
< ±0.5
% of I
PN
V
OT
Thermal drift of V
OE
±1
mV/K
TC
εε
G
Thermal drift of the gain (% of reading)
±0.1
%/K
t
r
Response time @ 90% of I
P
< 1000
ms
f
Frequency bandwidth (-3 dB)
10 .. 6000
Hz
General data
T
A
Ambient operating temperature
-20 .. +60
°C
T
S
Ambient storage temperature
-20 .. +85
°C
m
Mass
90
g
Protection type
IP20
Reliable isolation according to EN50178, EN61010
300
V AC
Creepage distance
> 5.5
mm
EMC in accordance with EN50082-2
Plastic according to UL94V0, CTI 1
Notes : Installation and maintenance should be done with power supply disconnected.
AC Current transducer APR-B10
Split core transducer for the electronic measurement distorted AC
waveforms current, with galvanic isolation between the primary (High
power) and the secondary circuits (Electronic circuit). Switch selectable
ranges and True RMS 0-5V and 0-10V switch selectable voltage output.
I
PN = 10 .. 400 A
030708/0
Features
• VFD and SCR waveforms current
measurement
• True RMS output
• Split core type
• 5V & 10V switch selectable voltage
output.
• DIN mounting & Panel mounting
• Eliminates insertion loss
• Switch selectable ranges
Advantages
• Large aperture for cable up to Ø18mm
• High isolation between primary and
secondary circuits
• Easy to mount
Applications
• VFD Controlled Loads:
VFD output indicates how the motor
and attached load are operating.
• SCR Controlled Loads:
Acurate measurement of phase angle
fired or burst fired (time proportioned)
SCRs. Current measurement gives
faster response than temperature
measurement.
• Switching Power Supplies and
Electronic Ballasts:
True RMS sensing is the most
accurate way to measure power
supply or ballast input power.
LEM Components
www.lem.com
Preliminary


Similar Part No. - APR200-B10

ManufacturerPart #DatasheetDescription
logo
LEM
APR200-B420L LEM-APR200-B420L Datasheet
57Kb / 2P
AC Current transducer APR-B420L
More results

Similar Description - APR200-B10

ManufacturerPart #DatasheetDescription
logo
LEM
AP-B10 LEM-AP-B10 Datasheet
56Kb / 2P
AC Current transducer AP-B10
APR-B420L LEM-APR-B420L Datasheet
57Kb / 2P
AC Current transducer APR-B420L
AK-B420L LEM-AK-B420L Datasheet
236Kb / 2P
AC Current transducer
AK-B- LEM-AK-B- Datasheet
202Kb / 2P
AC Current transducer
AK-C420L LEM-AK-C420L Datasheet
149Kb / 2P
AC Current transducer
AK-C- LEM-AK-C- Datasheet
92Kb / 2P
AC Current transducer
AKR-B420L LEM-AKR-B420L Datasheet
223Kb / 2P
AC Current transducer
AKR-C420L LEM-AKR-C420L Datasheet
127Kb / 2P
AC Current transducer
APR-B420L LEM-APR-B420L_07 Datasheet
898Kb / 3P
AC Current transducer
APR-B10 LEM-APR-B10_08 Datasheet
1Mb / 4P
AC Current transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com