Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12D040 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12D040
Description  Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12D040 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC12D040 Datasheet HTML 1Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 2Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 3Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 4Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 5Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 6Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 7Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 8Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ADC12D040
Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with
Internal/External Reference and Sample-and-Hold
General Description
The ADC12D040 is a dual, low power monolithic CMOS
analog-to-digital converter capable of converting analog in-
put signals into 12-bit digital words at 40 Megasamples per
second (MSPS), minimum. This converter uses a differential,
pipelined architecture with digital error correction and an
on-chip sample-and-hold circuit to minimize die size and
power consumption while providing excellent dynamic per-
formance. Operating on a single 5V power supply, the
ADC12D040 achieves 10.9 effective bits at 10 MHz input
and consumes just 600 mW at 40 MSPS, including the
reference current. The Power Down feature reduces power
consumption to 75 mW.
The differential inputs provide a full scale input swing equal
to V
REF with the possibility of a single-ended input. Full use
of the differential input is recommended for optimum perfor-
mance. For ease of use, the buffered, high impedance,
single-ended reference input is converted on-chip to a differ-
ential reference for use by the processing circuitry. The
digital outputs for the two ADCs are available on separate
12-bit buses with an output data format choice of offset
binary or 2’s complement.
For ease of interface, the digital output driver power pins of
the ADC12D040 can be connected to a separate supply
voltage in the range of 2.5V to the digital supply voltage,
making the outputs compatible with low voltage systems.
When not converting, power consumption can be reduced by
pulling the PD pin high, placing the converter into the power-
down state where it typically consumes just 75 mW. The
ADC12D040’s speed, resolution and single supply operation
make it well suited for a variety of applications.
This device is available in the 64-lead TQFP package and
will operate over the industrial temperature range of −40˚C to
+85˚C.
Features
n
Binary/2’s comp output format
n
Single supply operation
n
Internal sample-and-hold
n
Outputs 2.5V to 5V compatible
n
TTL/CMOS compatible input/outputs
n
Low power consumption
n
Power down mode
n
On-chip reference buffer
n
Internal/External 2V reference
Key Specifications
n
Resolution
12 Bits
n
Conversion Rate
40 MSPS(min)
n
DNL
±0.4 LSB(typ)
n
INL
±0.7 LSB(typ)
n
SNR (f
IN = 10MHz)
68 dB(typ)
n
ENOB (f
IN = 10MHz)
10.9 bits(typ)
n
THD (f
IN = 10 MHz)
−78 dB (typ)
n
SFDR (f
IN = 10 MHz)
80 dB (typ)
n
Data Latency
6 Clock Cycles
n
Supply Voltage
+5V ±5%
n
Power Consumption, Operating
600 mW(typ)
n
Power Down
75 mW(typ)
n
Crosstalk
80 dB(typ)
Applications
n
Ultrasound and Imaging
n
Instrumentation
n
Communications Receivers
n
Sonar/Radar
n
xDSL
n
Cable Modems
n
DSP Front Ends
December 2002
© 2002 National Semiconductor Corporation
DS200460
www.national.com


Similar Part No. - ADC12D040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12D040 NSC-ADC12D040 Datasheet
990Kb / 22P
Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
logo
Texas Instruments
ADC12D040 TI1-ADC12D040 Datasheet
1Mb / 31P
Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
ADC12D040 TI2-ADC12D040 Datasheet
865Kb / 31P
ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
REVISED MARCH 2013
logo
National Semiconductor ...
ADC12D040CIVS NSC-ADC12D040CIVS Datasheet
990Kb / 22P
Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
logo
Texas Instruments
ADC12D040CIVS/NOPB TI1-ADC12D040CIVS/NOPB Datasheet
1Mb / 31P
Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
More results

Similar Description - ADC12D040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12L063 NSC-ADC12L063 Datasheet
581Kb / 22P
12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
ADC12040 NSC-ADC12040 Datasheet
519Kb / 20P
12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12D040 NSC-ADC12D040_05 Datasheet
990Kb / 22P
Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
ADC12040 NSC-ADC12040_06 Datasheet
884Kb / 19P
12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12D040 TI1-ADC12D040_14 Datasheet
1Mb / 31P
Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
ADC12040 TI1-ADC12040_14 Datasheet
1Mb / 30P
12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
ADC12L063 TI1-ADC12L063_14 Datasheet
1Mb / 31P
12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
ADC12020 TI1-ADC12020 Datasheet
1Mb / 29P
12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com