Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12D040 Datasheet (PDF) - Texas Instruments

ADC12D040 Datasheet PDF - Texas Instruments
Part # ADC12D040
Download  ADC12D040 Download
File Size   865.39 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference

ADC12D040 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC12D040 Datasheet PDF - Texas Instruments

Part # ADC12D040
Download  ADC12D040 Click to download

File Size   865.39 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference

ADC12D040 Datasheet (HTML) - Texas Instruments


ADC12D040 Product details

1FEATURES
2• Binary or 2’s Complement Output Format
• Single Supply Operation
• Internal Sample-and-Hold
• Outputs 2.4V to 5V Compatible
• Power Down Mode
• Pin-Compatible with ADC12DL066
• Internal/External Reference

APPLICATIONS
• Ultrasound and Imaging
• Instrumentation
• Communications Receivers
• Sonar/Radar
• xDSL
• Cable Modems

KEY SPECIFICATIONS
• SNR (fIN = 10 MHz): 68 dB (typ)
• ENOB (fIN = 10 MHz): 10.9 bits (typ)
• SFDR (f IN = 10 MHz): 80 dB (typ)
• Data Latency: 6 Clock Cycles
• Supply Voltage: +5V ±5%
• Power Consumption, Operating
– (Operating): 600 mW (typ)
– (Power Down Mode): 75 mW (typ)

DESCRIPTION
The ADC12D040 is a dual, low power monolithic
CMOS analog-to-digital converter capable of
converting analog input signals into 12-bit digital
words at 40 Megasamples per second (Msps),
minimum. This converter uses a differential, pipeline
architecture with digital error correction and an on- chip sample-and-hold circuit to minimize die size and
power consumption while providing excellent dynamic
performance. Operating on a single 5V power supply,
the ADC12D040 achieves 10.9 effective bits at 10
MHz input and consumes just 600 mW at 40 Msps,
including the reference current. The Power Down
feature reduces power consumption to 75 mW.
The differential inputs provide a full scale differential
input swing equal to 2VREF with the possibility of a
single-ended input. Full use of the differential input is
recommended for optimum performance. The digital
outputs for the two ADCs are available on separate
12-bit buses with an output data format choice of
offset binary or 2’s complement.
For ease of interface, the digital output driver power
pins of the ADC12D040 can be connected to a
separate supply voltage in the range of 2.4V to the
digital supply voltage, making the outputs compatible
with low voltage systems. The ADC12D040’s speed,
resolution and single supply operation make it well
suited for a variety of applications.
This device is available in the 64-lead TQFP package
and will operate over the industrial temperature range
of −40°C to +85°C. An evaluation board is available to facilitate the product evaluation process




Similar Part No. - ADC12D040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12D040 NSC-ADC12D040 Datasheet
636Kb / 22P
Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold
ADC12D040 NSC-ADC12D040 Datasheet
990Kb / 22P
Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
logo
Texas Instruments
ADC12D040 TI1-ADC12D040 Datasheet
1Mb / 31P
Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
logo
National Semiconductor ...
ADC12D040CIVS NSC-ADC12D040CIVS Datasheet
636Kb / 22P
Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold
ADC12D040CIVS NSC-ADC12D040CIVS Datasheet
990Kb / 22P
Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
More results


Similar Description - ADC12D040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12D040 NSC-ADC12D040 Datasheet
636Kb / 22P
Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold
logo
Intersil Corporation
HI5767 INTERSIL-HI5767 Datasheet
133Kb / 13P
10-Bit, 20/40/60 MSPS A/D Converter with Internal Voltage Reference
02 2000
logo
National Semiconductor ...
ADC12040 NSC-ADC12040 Datasheet
519Kb / 20P
12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC10D040 NSC-ADC10D040 Datasheet
991Kb / 28P
Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
ADC12D040 NSC-ADC12D040_05 Datasheet
990Kb / 22P
Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
logo
Cadeka Microcircuits LL...
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
Texas Instruments
ADC12D040 TI1-ADC12D040_14 Datasheet
1Mb / 31P
Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com