Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1DLW Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # ES1DLW
Description  1A, 200V - 600V Surface Mount Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES1DLW Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ES1DLW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES1DLW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES1DLW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES1DLW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ES1DLW - ES1JLW
CREAT BY ART
- Glass passivated junction chip
- Ideal for automated placement
- Low profile package
- Low power loss, high efficiency
- Halogen-free according to IEC 61249-2-21
Case: SOD-123W
SOD-123W
Molding compound: UL flammability classification rating 94V-0
Moisture sensitivity level: level 1, per J-STD-020
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal: Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
SYMBOL
ES1DLW
ES1GLW
ES1JLW
UNIT
EDLW
EGLW
EJLW
VRRM
200
400
600
V
VRMS
140
280
420
V
VDC
200
400
600
V
IF(AV)
A
CJ
pF
trr
ns
TJ
°C
TSTG
°C
Document Number: DS_D0000174
Version: A15
20
Note 3: Test conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Taiwan Semiconductor
25
80
Operating junction temperature range
Storage temperature range
Note 1: Pulse test with PW=300μs, 1% duty cycle
- 55 to +175
- 55 to +175
5
Note 2: Measured at 1 MHz and applied VR=4.0 V
A
Maximum instantaneous forward voltage (Note 1)
@ 1 A
VF
V
°C/W
100
35
IFSM
Typical junction capacitance (Note 2)
Maximum reverse recovery time (Note 3)
Typical thermal resistance
RθJL
RθJA
Maximum reverse current @ rated VR
TJ=25°C
TJ=125°C
IR
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
Polarity: Indicated by cathode band
Weight: 16 mg (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Maximum repetitive peak reverse voltage
1
30
0.95
1.30
1.70
μA
1A, 200V - 600V Surface Mount Super Fast Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
PARAMETER
Marking Code


Similar Part No. - ES1DLW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES1DL TSC-ES1DL Datasheet
307Kb / 2P
1.0 AMP. Surface Mount Super Fast Rectifiers
ES1DL TSC-ES1DL Datasheet
461Kb / 2P
1.0 AMP. Surface Mount Super Fast Rectifiers
ES1DL TSC-ES1DL Datasheet
198Kb / 2P
1.0AMP. Surface Mount Super Fast Rectifiers
logo
Rugao Dachang Electroni...
ES1DL DACHANG-ES1DL Datasheet
131Kb / 2P
Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
logo
Taiwan Semiconductor Co...
ES1DL TSC-ES1DL Datasheet
380Kb / 4P
Surface Mount Super Fast Rectifiers
More results

Similar Description - ES1DLW

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1NL20U SHINDENGEN-D1NL20U Datasheet
385Kb / 6P
Super Fast Recovery Rectifiers(200V 1A)
logo
Taiwan Semiconductor Co...
ES1DFL TSC-ES1DFL Datasheet
362Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1DF TSC-ES1DF Datasheet
311Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1D-T TSC-ES1D-T Datasheet
190Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES2DF TSC-ES2DF Datasheet
362Kb / 4P
2A, 200V - 600V Surface Mount Super Fast Rectifiers
ES2D-T TSC-ES2D-T Datasheet
371Kb / 4P
2A, 200V - 600V Surface Mount Super Fast Rectifiers
logo
Taiwan Memory Technolog...
ES1A TMT-ES1A_16 Datasheet
366Kb / 4P
1A, 50V - 600V Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
ES1LD TSC-ES1LD Datasheet
424Kb / 7P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
ESH1DM TSC-ESH1DM Datasheet
413Kb / 4P
1A, 200V - 600V Surface Mount Ultrafast Rectifiers
UF1DLW TSC-UF1DLW Datasheet
427Kb / 7P
1A, 200V - 600V Surface Mount Ultra Fast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com