Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B004-DUA4-K-R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B004-DUA4-K-R
Description  4-Port DVI/USB KVM Switch w/Audio and Cables
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B004-DUA4-K-R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B004-DUA4-K-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B004-DUA4-K-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B004-DUA4-K-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4-Port DVI/USB KVM Switch w/Audio and Cables
MODEL NUMBER: B004-DUA4-K-R
Description
The B004-DUA4-K-R is a 4-Port DVI/USB KVM Switch with audio and USB 2.0 peripheral sharing. It allows you
to access, control, boot and reboot four computers from a single USB keyboard, USB mouse, and monitor.
Switching between connected computers is quick and simple using keyboard hotkeys or pushbuttons. An
independent audio/mic and USB peripheral switching function allows for an uninterrupted experience. A
computer can be printing on a printer connected to one of the USB 2.0 peripheral ports, while you listen to audio
from and access another computer; all at the same time.
The B004-DUA4-K-R uses DVI-I technology, allowing for the transmission of a digital(up to 1920 x 1200) or
analog(up to 2048 x 1536) signal. A DVI to VGA adapter, such as Tripp Lite's P126-000, is required for
conversion to an analog monitor. Whichever you use, full time DDC support provides the necessary EDID
information required for optimal video performance on Windows 7 and other operating systems. Compatible with
all major operating systems.
Features
Fast, easy switching via keyboard hotkeys or pushbuttons
Plug-and-play setup - no software required
Hot-swap capability allows easy addition or removal of computers without powering down the switch or other
computers
Speaker and microphone connections allow for the sharing of audio components between systems
Supports 2-Channel Stereo Audio
Independent audio/mic and USB peripheral switching function allows for an uninterrupted experience. A
computer can be printing on a printer connected to one of the USB 2.0 peripheral ports, while you listen to
audio from and access another computer; all at the same time.
Uses DVI-I technology, allowing for the transmission of a digital(up to 1920 x 1200) or analog(up to 2048 x
1536) signal. A DVI to VGA adapter, such as Tripp Lite's P126-000, is required for conversion to an analog
monitor.
To connect to a HDMI monitor, a DVI to HDMI adapter such as Tripp Lite's P132-000 is required(Audio is not
Highlights
Control 4 computers with a single
DVI monitor, USB keyboard and
USB mouse
Switch ports via keyboard
hotkeys or pushbuttons
Allows for the sharing of audio
components between systems;
listen to music from one
computer while accessing another
Features two USB 2.0 ports for
the sharing of USB peripherals
(e.g. flash drives, printers, etc.)
between the connected
computers
(x4) 6ft USB cables and (x4) 6ft
DVI + Audio KVM cable kits
included
Full time DDC support provides
the necessary EDID information
for optimal video performance on
Windows 7 and other operating
systems
Compatible with all major
operating systems
System Requirements
KVM Console: A DVI monitor,
USB keyboard, and USB mouse
Computers: DVI-I port(P118-000
DVI-I to DVI-D Adapter is
required for computers with
DVI-D ports), and USB Port
Audio(Optional): A microphone
and speakers with 3.5mm
Mini-Stereo connectors and a
computer with 3.5mm
Mini-Stereo ports
Compatible with all major
operating systems
Package Includes
B004-DUA4-K-R
(x4) 6 ft. DVI-I + 3.5mm Audio
Cable kits
1 / 3


Similar Part No. - B004-DUA4-K-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B004-DUA4-HR-K TRIPPLITE-B004-DUA4-HR-K Datasheet
500Kb / 3P
4-Port DVI Dual-Link / USB KVM Switch w/ Audio and Cables
More results

Similar Description - B004-DUA4-K-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B004-DUA2-K-R ETC2-B004-DUA2-K-R Datasheet
507Kb / 5P
2-Port DVI/USB KVM Switch w/ Audio and Cables
logo
Tripp Lite. All Rights ...
B004DUA2KR TRIPPLITE-B004DUA2KR Datasheet
497Kb / 3P
2-Port DVI-USB KVM Switch w- Audio and Cables
B004DUA4HRK TRIPPLITE-B004DUA4HRK Datasheet
502Kb / 3P
4-Port DVI Dual-Link - USB KVM Switch w- Audio and Cables
B004DUA4KR TRIPPLITE-B004DUA4KR Datasheet
493Kb / 3P
4-Port DVI-USB KVM Switch w-Audio and Cables
B004DUA2HRK TRIPPLITE-B004DUA2HRK Datasheet
501Kb / 3P
2-Port DVI Dual-Link - USB KVM Switch w- Audio and Cables
logo
Level One
KVM-0421 LVL1-KVM-0421 Datasheet
898Kb / 2P
4-Port USB KVM Switch w/ Audio
logo
Tripp Lite. All Rights ...
B004-DUA2-HR-K TRIPPLITE-B004-DUA2-HR-K Datasheet
499Kb / 3P
2-Port DVI Dual-Link / USB KVM Switch w/ Audio and Cables
B004-DUA4-HR-K TRIPPLITE-B004-DUA4-HR-K Datasheet
500Kb / 3P
4-Port DVI Dual-Link / USB KVM Switch w/ Audio and Cables
B004-DUA2HR-K TRIPPLITE-B004-DUA2HR-K Datasheet
163Kb / 3P
2-Port DVI Dual-Link / USB KVM Switch with Audio and Cables
B004-DUA2-K-R TRIPPLITE-B004-DUA2-K-R Datasheet
164Kb / 4P
2-Port DVI/USB KVM Switch with Audio and Cables
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com