Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B004-DUA4-K-R Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B004-DUA4-K-R
Description  4-Port DVI/USB KVM Switch w/Audio and Cables
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B004-DUA4-K-R Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B004-DUA4-K-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B004-DUA4-K-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B004-DUA4-K-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
To connect to a HDMI monitor, a DVI to HDMI adapter such as Tripp Lite's P132-000 is required(Audio is not
supported when converting from DVI to HDMI).
Full time DDC support provides the necessary EDID information for optimal video performance on Windows 7
and other operating systems
Supports Microsoft® IntelliMouse® and the scrolling wheel on most mice
(x4) 6ft USB cables and(x4) 6ft DVI + Audio KVM cable kits included
Compatible with all major operating systems
Specifications
OVERVIEW
Users
1
AC Adapter
Input: 100-240V, 50/60Hz, 0.4A Output: 5V, 3A
Max CPU
4
PHYSICAL
Color
Silver
COMMUNICATIONS
Port Control
Push Buttons, Hotkeys
IP Remote Access
No
CONNECTIONS
Ports
4
PC/Server Connections
DVI; USB
Included KVM Cable (Equipment
Side) - Connector 1
DVI-I Male
Included KVM Cable (Equipment
Side) - Connector 2
(x2) 3.5mm (Male)
Included KVM Cable (Equipment
Side) - Connector 3
USB A (Male)
Local Console Ports - Port 1
DVI-I (Female)
Local Console Ports - Port 2
(x2) USB A (Female)
Local Console Ports - Port 3
(x2) 3.5mm (Female)
SPECIAL FEATURES
Cat5 KVM Switch
No
CERTIFICATIONS
Certifications
FCC, CE, RoHS Compliant
Cable kits
(x4) 6 ft. USB A-B device cables
Owner's Manual
External Power Supply with
NEMA 1-15P Plug (Input:
100-240V, 50/60Hz, 0.4A Output:
5V, 3A)
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com