Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B006-VUA4-K-R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B006-VUA4-K-R
Description  4-Port KVM Switch with Audio, OSD and Peripheral Sharing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B006-VUA4-K-R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B006-VUA4-K-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B006-VUA4-K-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B006-VUA4-K-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4-Port KVM Switch with Audio, OSD and Peripheral
Sharing
MODEL NUMBER: B006-VUA4-K-R
Description
Tripp Lite's B006-VUA4-K-R is the optimal solution for controlling multiple computers, audio and USB
peripherals, and can be used in either a desktop environment or mounted in a 19in rack. Connect up to 4 USB
computers with the included 4 USB KVM cable kits, or useP757-010 PS/2 KVM cable kits to connect PS/2
computers. Built-in 3.5mm jacks allow for speaker and microphone audio to be shared amongst the connected
computers. Also built-in is a 2-Port USB 2.0 hub, which allows for the sharing of USB devices amongst
computers connected via USB KVM cable kits. KVM console, Audio and USB can be switched independently of
each other - Control one computer while listening to audio from a second computer and printing to a USB printer
from a third. Switch the focus of KVM, Audio and USB functionality using pushbuttons, OSD, hotkey commands,
auto scan mode or the mouse switching function. The mouse switching function allows focus to be switched
between ports by double-clicking the scroll button on a scroll mouse. The on-screen display(OSD) provides two
levels of security, with 1 Administrator account and up to 4 User accounts, and can be displayed in English,
Japanese or German. It supports video resolutions up to 2048 x 1536, and features a compact design that does not require software or complicated set-up
procedures. Compatible with Windows, Mac, Linux, Sun, UNIX, Novell and DOS.
Features
Control up to 4 computers from a single monitor, keyboard and mouse
Package includes(x2) 4 ft. and(x2) 6 ft. USB + Audio KVM cable kits
P756-010 10 ft. USB + Audio KVM cable kits are available separately if longer lengths are required
P757-010 10 ft. PS/2 + Audio KVM cable kits are available separately for connection of PS/2 computers
Built-in 2-Port USB 2.0 hub allows USB peripherals to be shared amongst computers connected via USB KVM cable kits
Built-in 3.5mm jacks allow for speaker and microphone audio to be shared amongst the connected computers
KVM, Audio and USB can be switched independently of each other - Control one computer while listening to audio from a second computer and printing
to a USB printer from a third
Switch the focus of KVM, Audio and USB functionality via pushbuttons, OSD, or hotkey commands
Includes a mouse switching function that allows focus to be switched between ports by double-clicking the scroll button on a scroll mouse
Highlights
Control up to 4 USB or PS/2
computers from a single monitor,
keyboard and mouse
Package includes 4 USB + Audio
KVM cable kits
Includes a built-in 2-Port USB 2.0
hub for sharing of devices
amongst computers connected
with a USB KVM cable kit
Built-in 3.5mm audio jacks allow
speaker and microphone audio
to be shared amongst the
connected computers
2-Level security - 1 Administrator
and up to 4 Users
Compatible with all major
operating systems
Package Includes
B006-VUA4-K-R KVM switch
(4) USB + Audio KVM cable kits
PS/2 to USB adapter cable
Firmware upgrade cable
19in rackmount hardware
External Power Supply with
NEMA 1-15P Plug (Input:
100-240V, 50/60Hz, 0.5A /
Output: 5.3V, 2.4A)
Owner's Manual
1 / 3


Similar Part No. - B006-VUA4-K-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B006-VU4-1 TRIPPLITE-B006-VU4-1 Datasheet
39Kb / 4P
4-Port VGA KVM Switch for USB or PS/2 Keyboard/Mouse
B006-VU4-R TRIPPLITE-B006-VU4-R Datasheet
480Kb / 3P
4-Port Desktop KVM Switch (USB)
More results

Similar Description - B006-VUA4-K-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B006VUA4KR TRIPPLITE-B006VUA4KR Datasheet
495Kb / 3P
4-Port KVM Switch with Audio, OSD and Peripheral Sharing
logo
Level One
KVM-0410 LVL1-KVM-0410 Datasheet
42Kb / 1P
LevelOne 4 Port KVM Switch with OSD for PS/2LevelOne 4 Port KVM Switch with OSD for PS/2
logo
Tripp Lite. All Rights ...
B004-DP2UA2-K TRIPPLITE-B004-DP2UA2-K Datasheet
171Kb / 3P
2-Port DisplayPort KVM Switch 4K 60 Hz with Audio, Cables and USB Peripheral Sharing
B032-DUA2 TRIPPLITE-B032-DUA2 Datasheet
167Kb / 4P
2-Port USB/DVI Cable KVM Switch with Audio, Cables and USB Peripheral Sharing
B032-HUA2 TRIPPLITE-B032-HUA2 Datasheet
168Kb / 4P
2-Port USB/HD Cable KVM Switch with Audio/Video, Cables and USB Peripheral Sharing
B032-VU2 TRIPPLITE-B032-VU2 Datasheet
175Kb / 3P
2-Port USB/VGA Cable KVM Switch with Cables and USB Peripheral Sharing
B032-VUA2 TRIPPLITE-B032-VUA2 Datasheet
166Kb / 4P
2-Port USB/VGA Cable KVM Switch with Audio, Cables and USB Peripheral Sharing
B024-DPU08 TRIPPLITE-B024-DPU08 Datasheet
162Kb / 4P
8-Port DisplayPort/USB KVM Switch with Audio/Video and USB Peripheral Sharing, 4K 60Hz, 1U Rack-Mount
B024-HU08 TRIPPLITE-B024-HU08 Datasheet
163Kb / 4P
8-Port HDMI/USB KVM Switch with Audio/Video and USB Peripheral Sharing, 1U Rack-Mount
B024-HU16 TRIPPLITE-B024-HU16 Datasheet
164Kb / 4P
16-Port HDMI/USB KVM Switch with Audio/Video and USB Peripheral Sharing, 1U Rack-Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com