Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B006-VUA4-K-R Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B006-VUA4-K-R
Description  4-Port KVM Switch with Audio, OSD and Peripheral Sharing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B006-VUA4-K-R Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B006-VUA4-K-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B006-VUA4-K-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B006-VUA4-K-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Automatically monitor connected computers via Auto Scan Mode
Provides two levels of security, with 1 Administrator account and up to 4 User accounts
OSD can be displayed in English, Japanese or German
Includes rackmount hardware that allows for mounting in a 19in rack
Includes a PS2 to USB adapter, which allows you to connect a PS/2 keyboard and mouse to control the connected computers
Supports video resolutions up to 2048 x 1536, DDC2B
The KVM switch stores the monitor's EDID to optimize display resolution
Constructed of heavy-duty steel housing
Compatible with all major operating systems
Specifications
OVERVIEW
Users
1
AC Adapter
Input: 100-240V, 50/60Hz, 0.5A / Output: 5.3V, 2.4A
Max CPU
4
PHYSICAL
Shipping Dimensions (hwd / in.)
3.9 x 11.1 x 6.8
Shipping Dimensions (hwd / cm)
9.91 x 28.19 x 17.27
Shipping Weight (lbs.)
4.9
Shipping Weight (kg)
2.22
Unit Dimensions (hwd / in.)
1.6 x 7.9 x 2.75
Unit Dimensions (hwd / cm)
4.06 x 20.07 x 6.99
Unit Weight (lbs.)
1.75
Unit Weight (kg)
0.79
COMMUNICATIONS
Port Control
Push Buttons, Hotkeys, OSD Mouse Switching
IP Remote Access
No
CONNECTIONS
Ports
4
Other Ports
(x2) USB
Computer/Server Ports - Port 1
(x4) HD17 Female
Computer/Server Ports - Port 2
(x10) 3.5mm Female
PC/Server Connections
USB; VGA
Local Console Ports - Port 1
HD15 Female
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com