Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B320TA Datasheet(PDF) 69 Page - SPANSION

Part # MB9B320TA
Description  This document states the current technical specifications regarding
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320TA Datasheet(HTML) 69 Page - SPANSION

Back Button MB9B320TA Datasheet HTML 65Page - SPANSION MB9B320TA Datasheet HTML 66Page - SPANSION MB9B320TA Datasheet HTML 67Page - SPANSION MB9B320TA Datasheet HTML 68Page - SPANSION MB9B320TA Datasheet HTML 69Page - SPANSION MB9B320TA Datasheet HTML 70Page - SPANSION MB9B320TA Datasheet HTML 71Page - SPANSION MB9B320TA Datasheet HTML 72Page - SPANSION MB9B320TA Datasheet HTML 73Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 141 page
background image
D a t a S h e e t
66
MB9B320TA_DS706-00062-2v0-E, January 30, 2015
CONFIDENTIAL
 Block Diagram
Cortex-M3 Core
@60 MHz(Max)
Flash I/F
Clock Reset
Generator
Dual-Timer
WatchDog Timer
(Hardware)
DMAC
8ch.
Watch Counter
Unit 0
CSV
External Interrupt
Controller
32pin + NMI
Power-On
Reset
SRAM0
80/96 Kbytes
SRAM1
80/96 Kbytes
I
D
Sys
CLK
NVIC
WatchDog Timer
(Software)
Security
Unit 1
TRSTX,TCK,
TDI,TMS
TRACEDx,
TRACECLK
X0
AVCC,
AVSS,
AVRH
ANxx
TIOAx
TIOBx
C
TDO
X1
X0A
X1A
SCKx
SINx
SOTx
INTx
NMIX
P0x,
P1x,
.
.
.
PFx
INITX
MODE-Ctrl
IRQ-Monitor
MD0,
MD1
Regulator
CRC Accelerator
ADTGx
RTS4
CTS4
MADx
MADATAx
On-Chip Flash
1 Mbytes+64 Kbytes/
1.5 Mbytes+64 Kbytes
Multi-function Serial I/F
16ch.
HW flow control(ch.4)
External Bus I/F
GPIO
PIN-Function-Ctrl
LVD
TPIU
ROM
Table
ETM
SWJ-DP
Main
Osc
PLL
Sub
Osc
CR
4 MHz
CR
100 kHz
CEC0_x,
CEC1_x
LVD Ctrl
Base Timer
16-bit 16ch./
32-bit 8ch.
HDMI-CEC/
Remote Reciver Control
Real-Time Clock
RTCCO,
SUBOUT
Deep Standby Ctrl
WKUPx
16-bit Free-run Timer
3ch.
16-bit Output Compare
6ch.
16-bit Input Capture
4ch.
A/D Activation Compare
2ch.
16-bit PPG
3ch.
DTTI0X
FRCK0
QPRC
2ch.
BINx
ZINx
IC0x
RTO0x
AINx
12-bit A/D Converter
Multi-function Timer × 1
MCSXx,MDQMx,
MOEX,MWEX,
MALE,MRDY,
MNALE,MNCLE,
MNWEX,MNREX,
MCLKOUT
IGTRGx
Waveform Generator
3ch.
CROUT
Source Clock
UDP0/UDM0
UHCONX
USB2.0
(Host/
Func)
PHY
USB Clock Ctrl
PLL
 Memory Size
See "
Memory size" in "Product Lineup" to confirm the memory size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com