Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B320TA Datasheet(PDF) 10 Page - SPANSION

Part # MB9B320TA
Description  This document states the current technical specifications regarding
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320TA Datasheet(HTML) 10 Page - SPANSION

Back Button MB9B320TA Datasheet HTML 6Page - SPANSION MB9B320TA Datasheet HTML 7Page - SPANSION MB9B320TA Datasheet HTML 8Page - SPANSION MB9B320TA Datasheet HTML 9Page - SPANSION MB9B320TA Datasheet HTML 10Page - SPANSION MB9B320TA Datasheet HTML 11Page - SPANSION MB9B320TA Datasheet HTML 12Page - SPANSION MB9B320TA Datasheet HTML 13Page - SPANSION MB9B320TA Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 141 page
background image
D a t a S h e e t
January 30, 2015, MB9B320TA_DS706-00062-2v0-E
7
CONFIDENTIAL
 Product Lineup
 Memory size
Product name
MB9BF328SA/TA
MB9BF329SA/TA
On-chip
Flash
memory
Main area
1 Mbytes
1.5 Mbytes
Work area
64 Kbytes
64 Kbytes
On-chip
SRAM
SRAM0
80 Kbytes
96 Kbytes
SRAM1
80 Kbytes
96 Kbytes
Total
160 Kbytes
192 Kbytes
 Function
Product name
MB9BF328SA
MB9BF329SA
MB9BF328TA
MB9BF329TA
Pin count
144
176/192
CPU
Cortex-M3
Freq.
60 MHz
Power supply voltage range
2.7V to 5.5V
USB2.0 (Function/Host)
1ch.
DMAC
8ch.
External Bus Interface
Addr: 25 bit (Max)
R/Wdata : 8/16 bit (Max)
CS: 8 (Max)
SRAM , NOR Flash memory , NAND Flash memory
Multi-function Serial Interface
(UART/CSIO/LIN/I
2C)
16ch. (Max) with 16steps×9-bit FIFO
Base Timer
(PWC/Reload timer/PWM/PPG)
16ch. (Max)
MF-
Timer
A/D activation
compare
2ch.
1 unit
Input capture
4ch.
Free-run timer
3ch.
Output compare
6ch.
Waveform
generator
3ch.
PPG
3ch.
QPRC
1ch.(Max)
2ch. (Max)
Dual Timer
1 unit
HDMI-CEC/ Remote Control
Reception
2ch. (Max)
Real-Time Clock
1 unit
Watch Counter
1 unit
CRC Accelerator
Yes
Watchdog timer
1ch. (SW) + 1ch. (HW)
External Interrupts
32 pins (Max) + NMI × 1
I/O ports
122 pins (Max)
154 pins (Max)
12-bit A/D converter
24ch. (2 units)
10-bit D/A converter
2ch. (Max)
CSV (Clock Super Visor)
Yes
LVD (Low-Voltage Detector)
2ch.
Built-in CR
High-speed
4 MHz (± 2%)
Low-speed
100 kHz (Typ)
Debug Function
SWJ-DP / ETM
Unique ID
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com