Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B520M Datasheet(PDF) 36 Page - SPANSION

Part # MB9B520M
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B520M Datasheet(HTML) 36 Page - SPANSION

Back Button MB9B520M Datasheet HTML 32Page - SPANSION MB9B520M Datasheet HTML 33Page - SPANSION MB9B520M Datasheet HTML 34Page - SPANSION MB9B520M Datasheet HTML 35Page - SPANSION MB9B520M Datasheet HTML 36Page - SPANSION MB9B520M Datasheet HTML 37Page - SPANSION MB9B520M Datasheet HTML 38Page - SPANSION MB9B520M Datasheet HTML 39Page - SPANSION MB9B520M Datasheet HTML 40Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 113 page
background image
D a t a S h e e t
March 18, 2015, MB9B520M_DS706-00048-3v0-E
33
CONFIDENTIAL
Pin
function
Pin name
Function description
Pin No
LQFP-80 BGA-96
LQFP-64
QFN-64
LQFP-48
QFN-48
Mode
MD0
Mode 0 pin.
During normal operation, MD0="L"
must be input. During serial
programming to Flash memory,
MD0="H" must be input.
37
L8
29
21
MD1
Mode 1 pin.
During serial programming to Flash
memory, MD1="L" must be input.
36
K9
28
20
POWER
VCC
Power supply Pin
1
B1
1
1
VCC
Power supply Pin
25
K1
18
14
VCC
Power supply Pin
41
K11
33
-
USBVCC
3.3V Power supply port for USB I/O
77
A4
61
45
GND
VSS
GND Pin
-
F1
-
-
VSS
GND Pin
-
F2
-
-
VSS
GND Pin
-
F3
-
-
VSS
GND Pin
-
B2
-
-
VSS
GND Pin
20
L1
16
12
VSS
GND Pin
-
K2
-
-
VSS
GND Pin
-
J3
-
-
VSS
GND Pin
-
L6
-
-
VSS
GND Pin
24
L4
-
-
VSS
GND Pin
40
L11
32
24
VSS
GND Pin
-
K10
-
-
VSS
GND Pin
-
J9
-
-
VSS
GND Pin
-
B10
-
-
VSS
GND Pin
-
C9
-
-
VSS
GND Pin
-
D11
-
-
VSS
GND Pin
-
A11
-
-
VSS
GND Pin
-
A7
-
-
VSS
GND Pin
-
C3
-
-
VSS
GND Pin
-
A5
-
-
VSS
GND Pin
80
A1
64
48
CLOCK
X0
Main clock (oscillation) input pin
38
L9
30
22
X0A
Sub clock (oscillation) input pin
26
L3
19
15
X1
Main clock (oscillation) I/O pin
39
L10
31
23
X1A
Sub clock (oscillation) I/O pin
27
K3
20
16
CROUT_0
Built-in high-speed CR-osc clock
output port
60
C10
-
-
CROUT_1
72
A6
57
42
Analog
POWER
AVCC
A/D converter and D/A converter
analog power supply pin
50
H11
41
31
AVRH
A/D converter analog reference
voltage input pin
51
F11
42
32
Analog
GND
AVSS
A/D converter and D/A converter
GND pin
45
H10
37
28
AVRL
A/D converter analog reference
voltage input pin
52
G11
43
33
C pin
C
Power supply stabilization capacity
pin
23
L2
17
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com