Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B520M Datasheet(PDF) 63 Page - SPANSION

Part # MB9B520M
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B520M Datasheet(HTML) 63 Page - SPANSION

Back Button MB9B520M Datasheet HTML 59Page - SPANSION MB9B520M Datasheet HTML 60Page - SPANSION MB9B520M Datasheet HTML 61Page - SPANSION MB9B520M Datasheet HTML 62Page - SPANSION MB9B520M Datasheet HTML 63Page - SPANSION MB9B520M Datasheet HTML 64Page - SPANSION MB9B520M Datasheet HTML 65Page - SPANSION MB9B520M Datasheet HTML 66Page - SPANSION MB9B520M Datasheet HTML 67Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 113 page
background image
D a t a S h e e t
60
MB9B520M_DS706-00048-3v0-E, March 18, 2015
CONFIDENTIAL
(VCC = AVCC = USBVCC = 2.7V to 5.5V, VSS = AVSS = AVRL = 0V, TA = - 40°C to + 105°C)
Parameter Symbol
Pin
name
Conditions
Value
Unit Remarks
Typ*
2
Max*
2
Timer
mode
current
ICCT
VCC
Main
Timer mode
TA = + 25°C,
When LVD is off
4.1
4.8
mA *1, *4
TA = + 105°C,
When LVD is off
-
5.4
mA *1, *4
ICCT
Sub
Timer mode
TA = + 25°C,
When LVD is off
17
66
μA *1, *5
TA = + 105°C,
When LVD is off
-
835
μA *1, *5
RTC
mode
current
ICCR
RTC mode
TA = + 25°C,
When LVD is off
15
61
μA *1, *5
TA = + 105°C,
When LVD is off
-
680
μA *1, *5
Stop
mode
current
ICCH
Stop mode
TA = + 25°C,
When LVD is off
14
53
μA *1
TA = + 105°C,
When LVD is off
-
600
μA *1
Deep
Standby
mode
current
ICCRD
Deep Standby
RTC mode
TA = + 25°C,
When LVD is off,
When RAM is off
2.2
11
μA *1, *3, *5
TA = + 25°C,
When LVD is off,
When RAM is on
6.2
23
μA *1, *3, *5
TA = + 105°C,
When LVD is off,
When RAM is off
-
155
μA *1, *3, *5
TA = + 105°C,
When LVD is off,
When RAM is on
215
μA *1, *3, *5
ICCHD
Deep Standby
Stop mode
TA = + 25°C,
When LVD is off,
When RAM is off
1.6
9.6
μA *1, *3
TA = + 25°C,
When LVD is off,
When RAM is on
5.6
22
μA *1, *3
TA = + 105°C,
When LVD is off,
When RAM is off
-
150
μA *1, *3
TA = + 105°C,
When LVD is off,
When RAM is on
210
μA *1, *3
*1: When all ports are fixed.
*2: VCC=5.5 V
*3: RAM on/off setting is on-chip SRAM only.
*4: When using the crystal oscillator of 4 MHz(Including the current consumption of the oscillation circuit)
*5: When using the crystal oscillator of 32 kHz(Including the current consumption of the oscillation circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com