Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B560R Datasheet(PDF) 9 Page - SPANSION

Part # MB9B560R
Description  This document states the current technical specifications regarding
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B560R Datasheet(HTML) 9 Page - SPANSION

Back Button MB9B560R Datasheet HTML 5Page - SPANSION MB9B560R Datasheet HTML 6Page - SPANSION MB9B560R Datasheet HTML 7Page - SPANSION MB9B560R Datasheet HTML 8Page - SPANSION MB9B560R Datasheet HTML 9Page - SPANSION MB9B560R Datasheet HTML 10Page - SPANSION MB9B560R Datasheet HTML 11Page - SPANSION MB9B560R Datasheet HTML 12Page - SPANSION MB9B560R Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 181 page
background image
D a t a S h e e t
8
MB9B560R_DS709-00001-2v0-E, February 2, 2015
CONFIDENTIAL
DSTC (Descriptor System data Transfer Controller) (128 channels)
The DSTC can transfer data at high-speed without going via the CPU. The DSTC adopts the Descriptor
system and, following the specified contents of the Descriptor which has already been constructed on the
memory, can access directly the memory /peripheral device and performs the data transfer operation.
It supports the software activation, the hardware activation and the chain activation functions.
A/D Converter (Max 24 channels)
[12-bit A/D Converter]
Successive Approximation type
Built-in 3 units
Conversion time: 0.5 μs @ 5 V
Priority conversion available (priority at 2levels)
Scanning conversion mode
Built-in FIFO for conversion data storage (for SCAN conversion: 16steps, for Priority conversion: 4steps)
DA Converter (Max two channels)
R-2R type
12-bit resolution
Base Timer (Max eight channels)
Operation mode is selectable from the followings for each channel.
16-bit PWM timer
16-bit PPG timer
16-/32-bit reload timer
16-/32-bit PWC timer
General Purpose I/O Port
This series can use its pins as general purpose I/O ports when they are not used for external bus or
peripherals. Moreover, the port relocate function is built in. It can set which I/O port the peripheral function
can be allocated.
Capable of pull-up control per pin
Capable of reading pin level directly
Built-in the port relocate function
Up to 100 high-speed general-purpose I/O ports @ 120 pin Package
Some pin is 5 V tolerant I/O.
See 6. Pin Description and 7. I/O Circuit Type for the corresponding pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com