Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B560R Datasheet(PDF) 97 Page - SPANSION

Part # MB9B560R
Description  This document states the current technical specifications regarding
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B560R Datasheet(HTML) 97 Page - SPANSION

Back Button MB9B560R Datasheet HTML 93Page - SPANSION MB9B560R Datasheet HTML 94Page - SPANSION MB9B560R Datasheet HTML 95Page - SPANSION MB9B560R Datasheet HTML 96Page - SPANSION MB9B560R Datasheet HTML 97Page - SPANSION MB9B560R Datasheet HTML 98Page - SPANSION MB9B560R Datasheet HTML 99Page - SPANSION MB9B560R Datasheet HTML 100Page - SPANSION MB9B560R Datasheet HTML 101Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 181 page
background image
D a t a S h e e t
96
MB9B560R_DS709-00001-2v0-E, February 2, 2015
CONFIDENTIAL
14.4.4
Operating Conditions of Main PLL (In the Case of Using Main Clock
for Input Clock of PLL)
(VCC = 2.7V to 5.5V, VSS = 0V)
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
PLL oscillation stabilization wait time*
1
(LOCK UP time)
tLOCK
200
-
-
μs
PLL input clock frequency
fPLLI
4
-
16
MHz
PLL multiplication rate
-
13
-
80
multiplier
PLL macro oscillation clock frequency
fPLLO
200
-
320
MHz
Main PLL clock frequency*
2
fCLKPLL
-
-
160
MHz
*1: Time from when the PLL starts operating until the oscillation stabilizes.
*2: For more information about Main PLL clock (CLKPLL), see CHPATER 2-1: Clock in FM4
Family Peripheral Manual Main part (MN709-00001).
14.4.5
Operating Conditions of USB PLL (In the Case of Using Main Clock
for Input Clock of PLL)
(VCC = 2.7V to 5.5V, VSS = 0V)
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
PLL oscillation stabilization wait time*
1
(LOCK UP time)
tLOCK
100
-
-
μs
PLL input clock frequency
fPLLI
4
-
16
MHz
PLL multiplication rate
-
13
-
80
multiplier
PLL macro oscillation clock frequency
fPLLO
200
-
320
MHz
USB clock frequency*
2
fCLKSPLL
-
-
48
MHz
After the M frequency division
*1 : Time from when the PLL starts operating until the oscillation stabilizes.
*2 : For more information about USB clock, see CHAPTER 2-2: USB Clock Generation in FM4
Family Peripheral Manual Communication Macro part (MN709-00004).
14.4.6
Operating Conditions of Main PLL (In the Case of Using Built-in
High-speed CR Clock for Input Clock of Main PLL)
(VCC = 2.7V to 5.5V, VSS = 0V)
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
PLL oscillation stabilization wait time*
1
(LOCK UP time)
tLOCK
200
-
-
μs
PLL input clock frequency
fPLLI
3.8
4
4.2
MHz
PLL multiplication rate
-
50
-
75
multiplier
PLL macro oscillation clock frequency
fPLLO
190
-
320
MHz
Main PLL clock frequency*
2
fCLKPLL
-
-
160
MHz
*1: Time from when the PLL starts operating until the oscillation stabilizes.
*2: For more information about Main PLL clock (CLKPLL), see CHAPTER 2-1: Clock in FM4
Family Peripheral Manual Main part (MN709-00001).
Note:
−
Make sure to input to the main PLL source clock, the high-speed CR clock (CLKHC) that the
frequency and temperature has been trimmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com