Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F587L Datasheet(PDF) 28 Page - SPANSION

Part # MB91F587L
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587L Datasheet(HTML) 28 Page - SPANSION

Back Button MB91F587L Datasheet HTML 24Page - SPANSION MB91F587L Datasheet HTML 25Page - SPANSION MB91F587L Datasheet HTML 26Page - SPANSION MB91F587L Datasheet HTML 27Page - SPANSION MB91F587L Datasheet HTML 28Page - SPANSION MB91F587L Datasheet HTML 29Page - SPANSION MB91F587L Datasheet HTML 30Page - SPANSION MB91F587L Datasheet HTML 31Page - SPANSION MB91F587L Datasheet HTML 32Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 177 page
background image
D at aS h ee t
August 22, 2014, MB91F587LA_DS705-00012-2v0-E
25
CONFIDENTIAL
I/O CIRCUIT TYPE
Type
Circuit
Remarks
A
Clock input
X0
Standby control signal
X1
Oscillation feedback resistor:
Approx. 1 MΩ
B
Pull-up resistor
CMOS hysteresis input
•
CMOS hysteresis input
•
With 50 kΩ pull-up resistor
C
N-ch
Mode input
High withstand voltage mode
input
High withstand voltage control
N-ch
N-ch
N-ch
•
Schmitt input
•
With high withstand voltage
control
D
Pull-up control
Digital output
CMOS hysteresis input
Automotive input
Standby control
P-ch
P-ch
N-ch
R
•
General-purpose I/O port
•
CMOS level output
IOH=-2/-5mA, IOL=2/5mA
•
With 50kΩ pull-up resistor control
•
CMOS hysteresis input
(0.7Vcc/0.3Vcc)
•
Automotive input (0.8Vcc/0.5Vcc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com