Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F587L Datasheet(PDF) 21 Page - SPANSION

Part # MB91F587L
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587L Datasheet(HTML) 21 Page - SPANSION

Back Button MB91F587L Datasheet HTML 17Page - SPANSION MB91F587L Datasheet HTML 18Page - SPANSION MB91F587L Datasheet HTML 19Page - SPANSION MB91F587L Datasheet HTML 20Page - SPANSION MB91F587L Datasheet HTML 21Page - SPANSION MB91F587L Datasheet HTML 22Page - SPANSION MB91F587L Datasheet HTML 23Page - SPANSION MB91F587L Datasheet HTML 24Page - SPANSION MB91F587L Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 177 page
background image
D at aS h ee t
18
MB91F587LA_DS705-00012-2v0-E, August 22, 2014
CONFIDENTIAL
Pin No.
Pin name
I/O circuit
type*1
Function
141
P012
D
General-purpose I/O port
D26
External bus data bit26 I/O pin
TIOB0
Base timer ch.0 TIOB I/O pin
142
P013
D
General-purpose I/O port
D27
External bus data bit27 I/O pin
TIOA1
Base timer ch.1 TIOA I/O pin
143
P014
D
General-purpose I/O port
D28
External bus data bit28 I/O pin
TIOB1
Base timer ch.1 TIOB I/O pin
2
P015
D
General-purpose I/O port
D29
External bus data bit29 I/O pin
TRG0
PPG ch.0 to ch.3 external trigger
3
P016
D
General-purpose I/O port
D30
External bus data bit30 I/O pin
TRG1
PPG ch.4 to ch.7 external trigger
4
P017
D
General-purpose I/O port
D31
External bus data bit31 I/O pin
TRG2
PPG ch.8 to ch.11 external trigger
5
P020
D
General-purpose I/O port
ASX
External bus address strobe output pin
TRG3
PPG ch.12 to ch.15 external trigger
SIN3_1
Multi-function serial ch.3 serial data input pin (1)
6
P021
K
General-purpose I/O port
CS0X
External bus chip select 0 output pin
TRG4
PPG16 to PPG19 external trigger
SOT3_1
Multi-function serial ch.3 serial data output pin (1)/
I2C ch.3 serial data I/O pin (1) (SDA)
7
P022
K
General-purpose I/O port
CS1X
External bus chip select 1 output pin
TRG5
PPG ch.20 to ch.23 external trigger
SCK3_1
Multi-function serial ch.3 clock I/O pin (1)/
I2C ch.3 clock I/O pin (1) (SCL)
8
P023
D
General-purpose I/O port
RDX
External bus read strobe output pin
TIN0
Reload timer ch.0 event input pin
SCS3_1
Multi-function serial ch.3 serial chip select I/O pin (1)
9
P024
D
General-purpose I/O port
WR0X
External bus write strobe 0 output pin
TIN1
Reload timer ch.1 event input pin
SIN4_1
Multi-function serial ch.4 serial data input pin (1)
10
P025
K
General-purpose I/O port
WR1X
External bus write strobe 1 output pin
TIN2
Reload timer ch.2 event input pin
SOT4_1
Multi-function serial ch.4 serial data output pin (1)/
I2C ch.4 serial data I/O pin (1) (SDA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com