Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12L032CIWM Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12L032CIWM
Description  3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L032CIWM Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button ADC12L032CIWM Datasheet HTML 18Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 19Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 20Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 21Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 22Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 23Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 24Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 25Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Tables (Continued)
TABLE 1. Data Out Formats (Continued)
DO Formats
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
DB16
without
Sign
16
0
0
0
0
MSB
10
9
8
7
6
54321
LSB
Bits
MSB
12
MSB
10
9
876
5
4321
LSB
First
Bits
8
MSB
6
5
4
3
2
1
LSB
Bits
16
LSB
1
2
3
4
5
6
7
8
9
10
MSB
0000
Bits
LSB
12
LSB
1
2
3
4
5
6
7
8
9
10
MSB
First
Bits
8
LSB
1
2
3
4
5
6
MSB
Bits
X = High or Low state.
TABLE 2. ADC12L038 Multiplexer Addressing
Analog Channel Addressed
A/D Input
Multiplexer
Mode
MUX
and Assignment
Polarity
Output
Address
with A/DIN1 tied to MUXOUT1
Assignment
Channel
and A/DIN2 tied to MUXOUT2
Assignment
DI0
DI1
DI2
DI3 CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7
COM
A/DIN1
A/DIN2
MUXOUT1
MUXOUT2
LLLL
+
−
+
−
CH0
CH1
L
L
L
H
+
−
+
−
CH2
CH3
L
L
H
L
+
−
+
−
CH4
CH5
L
L
H
H
+
−
+
−
CH6
CH7
Differential
L
H
L
L
−
+
−
+
CH0
CH1
LHLH
−
+
−
+
CH2
CH3
L
H
H
L
−
+
−
+
CH4
CH5
L
H
H
H
−
+
−
+
CH6
CH7
H
L
L
L
+
−
+
−
CH0
COM
H
L
L
H
+
−
+
−
CH2
COM
HLHL
+
−
+
−
CH4
COM
H
L
H
H
+
−
+
−
CH6
COM
Single-Ended
H
H
L
L
+
−
+
−
CH1
COM
H
H
L
H
+
−
+
−
CH3
COM
H
H
H
L
+
−
+
−
CH5
COM
HHHH
+
−
+
−
CH7
COM
TABLE 3. ADC12L034 Multiplexer Addressing
Analog Channel Addressed
A/D Input
Multiplexer
Mode
MUX
and Assignment
Polarity
Output
Address
with A/DIN1 tied to MUXOUT1
Assignment
Channel
and A/DIN2 tied to MUXOUT2
Assignment
DI0
DI1
DI2
CH0
CH1
CH2
CH3
COM
A/DIN1
A/DIN2
MUXOUT1
MUXOUT2
L
L
L
+
−
+
−
CH0
CH1
L
L
H
+
−
+
−
CH2
CH3
Differential
L
H
L
−
+
−
+
CH0
CH1
L
H
H
−
+
−
+
CH2
CH3
H
L
L
+
−
+
−
CH0
COM
H
L
H
+
−
+
−
CH2
COM
Single-Ended
H
H
L
+
−
+
−
CH1
COM
H
H
H
+
−
+
−
CH3
COM
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com