Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12L032CIWM Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12L032CIWM
Description  3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L032CIWM Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button ADC12L032CIWM Datasheet HTML 20Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 21Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 22Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 23Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 24Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 25Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 26Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 27Page - National Semiconductor (TI) ADC12L032CIWM Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Tables (Continued)
TABLE 6. Conversion/Read Data Only Mode Programming
CS
CONV
PD
Mode
LLL
See
Table 5 for Mode
L
H
L
Read Only (Previous DO Format)
No Conversion
H
X
L
Idle
X
X
H
Power Down
X = Don’t Care
TABLE 7. Status Register
Status
Bit
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
Location
Status
Bit
PU
PD
Cal
8 or 9
12 or 13
16 or 17
Sign
Justification
Test
Mode
Device Status
DO Output Format Status
Function
“High”
indicates
a Power
Up
Sequence
is in
progress
“High”
indicates
a Power
Down
Sequence
is in
progress
“High”
indicates
an
Auto-Cal
Sequence
is in
progress
“High”
indicates
an8or9
bit format
“High”
indicates
a12or
13 bit
format
“High”
indicates
a16or
17 bit
format
“High”
indicates
that the
sign bit is
included.
When
“Low” the
sign bit is
not
included.
When “High”
the conversion
result will be
output MSB
first. When
“Low” the
result will be
output LSB
first.
When
“High”
the
device is
in test
mode.
When
“Low” the
device is
in user
mode.
Application Hints
1.0 DIGITAL INTERFACE
1.1 Interface Concepts
The example in
Figure 7 shows a typical sequence of events
after the power is applied to the ADC12L030/2/4/8:
The first instruction input to the A/D via DI initiates Auto Cal.
The data output on DO at that time is meaningless and is
completely random. To determine whether the Auto Cal has
been completed, a read status instruction is issued to the
A/D. Again the data output at that time has no significance
since the Auto Cal procedure modifies the data in the output
shift register. To retrieve the status information, an additional
read status instruction is issued to the A/D. At this time the
status data is available on DO. If the Cal signal in the status
word is low Auto Cal has been completed. Therefore, the
next instruction issued can start a conversion. The data out-
put at this time is again status information. To keep noise
from corrupting the A/D conversion, the status can not be
read during a conversion. If CS is strobed and is brought low
during a conversion, that conversion is prematurely ended.
EOC can be used to determine the end of a conversion or
the A/D controller can keep track in software of when it would
be appropriate to communicate to the A/D again. Once it has
been determined that the A/D has completed a conversion
another instruction can be transmitted to the A/D. The data
from this conversion can be accessed when the next instruc-
tion is issued to the A/D.
Note, when CS is low continuously it is important to transmit
the exact number of SCLK cycles, as shown in the timing
diagrams. Not doing so will desynchronize the serial commu-
nication to the A/D (see Section 1.3).
1.2 Changing Configuration
The configuration of the ADC12L030/2/4/8 on power up de-
faults to 12-bit plus sign resolution, 12- or 13-bit MSB First,
10 CCLK acquisition time, user mode, no Auto Cal, no Auto
Zero, and power up mode. Changing the acquisition time
and turning the sign bit on and off requires an 8-bit instruc-
tion to be issued to the ADC. This instruction will not start a
conversion. The instructions that select a multiplexer ad-
dress and format the output data do start a conversion.
Fig-
ure 8 describes an example of changing the configuration of
the ADC12L030/2/4/8.
During I/O sequence 1 the instruction on DI configures the
ADC12L030/2/4/8 to do a conversion with 12-bit +sign reso-
lution. Notice that when the 6 CCLK Acquisition and Data
Out without Sign instructions are issued to the ADC, I/O se-
quences 2 and 3, a new conversion is not started. The data
DS011830-36
FIGURE 7. Typical Power Supply Power Up Sequence
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com