Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14061CCVT Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC14061CCVT
Description  Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14061CCVT Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC14061CCVT Datasheet HTML 1Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 2Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 3Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 4Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 5Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 6Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 7Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 8Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Pin Descriptions and Equivalent Circuits
Pin
No.
Symbol
Equivalent Circuit
Description
Analog I/O
1V
IN+
Non-Inverting analog signal Input. With a 2.0V reference voltage and a
2.0V common mode voltage, V
CM, the input signal voltage range is from
1.0 volt to 3.0 Volts.
4V
IN−
Inverting analog signal Input. With a 2.0V reference voltage and a 2.0V
common mode voltage, V
CM, the input signal voltage range is from 1.0 Volt
to 3.0 Volts. The input signal should be balanced for best performance.
48
V
REF+ IN
Positive reference input. This pin should be bypassed to AGND with a 0.1
µF monolithic capacitor. V
REF+ minus VREF− IN should be a minimum of
1.8V and a maximum of 2.2V. The full-scale input voltage is equal to
V
REF+ IN minus VREF− IN.
47
V
REF− IN
Negative reference input. In most applications this pin should be connected
to AGND and the full reference voltage applied to V
REF+ IN.Ifthe
application requires that V
REF−IN be offset from AGND, this pin should be
bypassed to AGND with a 0.1 µF monolithic capacitor. V
REF+ IN minus
V
REF− IN
should be a minimum of 1.8V and a maximum of 2.2V. The
full-scale input voltage is equal to V
REF+ IN minus VREF− IN .
50
V
REF+ OUT
Output of the high impedance positive reference buffer. With a 2.0V
reference input, and with a V
CM of 2.0V, this pin will have a 3.0V output
voltage. This pin should be bypassed to AGND with a 0.1 µF monolithic
capacitor in parallel with a 10 µF capacitor.
49
REF− OUT
The output of the negative reference buffer. With a 2.0V reference and a
V
CM of 2.0V, this pin will have a 1.0V output voltage. This pin should be
bypassed to AGND with a 0.1 µF monolithic capacitor in parallel with a 10
µF capacitor.
52
V
REF (MID)
Output of the reference mid-point, nominally equal to 0.4 V
A (2.0V). This
pin should be bypassed to AGND with a 0.1 µF monolithic capacitor. This
voltage is derived from V
CM.
51
V
CM
Input to the common mode buffer, nominally equal to 40% of the supply
voltage (2.0V). This pin should be bypassed to AGND with a 0.1 µF
monolithic capacitor. Best performance is obtained if this pin is driven with
a low impedance source of 2.0V.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com