Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14061CCVT Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC14061CCVT
Description  Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14061CCVT Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button ADC14061CCVT Datasheet HTML 10Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 11Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 12Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 13Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 14Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 15Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 16Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 17Page - National Semiconductor (TI) ADC14061CCVT Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Applications Information (Continued)
The sign bit of the output word will be a logic low when V
IN+
is greater than V
IN− . When VIN+ is less than VIN−, the sign
bit of the output word will be a logic high.
For single ended operation, one of the analog inputs should
be connected to V
CM. However, SNR and SINAD are re-
duced by about 12dB with a single ended input as compared
with differential inputs.
An input voltage of V
IN = (VIN+)−(VIN−) = 0 will be inter-
preted as mid-scale and will thus be converted to
00,0000,0000,0000, plus any offset error.
The V
IN+ and the VIN− inputs of the ADC14061 consist of an
analog switch followed by a switched-capacitor amplifier.
The capacitance seen at the analog input pins changes with
the clock level, appearing as 12 pF when the clock is low,
and 28 pF when the clock is high. It is recommended that the
ADC14061 be driven with a low impedance source of 100
Ohms or less.
A simple application circuit is shown in
Figure 6 and Figure 7.
Here we use two LM6172 dual amplifiers to provide a bal-
anced input to the ADC14061. Note that better noise perfor-
mance is achieved when V
REF+ IN voltage is forced with a
well-bypassed resistive divider. The resulting offset and off-
set drift is minimal.
Since a dynamic capacitance is more difficult to drive than is
a fixed capacitance, choose driving amplifiers carefully. The
CLC427, CLC440, LM6152, LM6154, LM6172, LM6181 and
LM6182 are excellent amplifiers for driving the ADC14061.
1.4 V
CM Analog Inputs
The V
CM input of the ADC14061 is internally biased to 40%
of the V
A supply with on-chip resistors, as shown in Figure 5.
The V
CM pin must be bypassed to prevent any power supply
noise from modulating this voltage. Modulation of the V
CM
potential will result in the introduction of noise into the input
signal. The advantage of simply bypassing V
CM (without
driving it) is the circuit simplicity. On the other hand, if the V
A
supply can vary for any reason, V
CM will also vary at a rate
and amplitude related to the RC filter created by the bypass
capacitor and the internal divider resistors. However, perfor-
mance of this approach will be adequate for many
applications.
By forcing V
CM to a fixed potential, you can avoid the prob-
lems mentioned above. One such approach is to buffer the
2.0 Volt reference voltage to drive the V
CM input, holding it at
a constant potential as shown in
Figure 6 and Figure 8.Ifthe
reference voltage is different from the desired V
CM, that de-
sired V
CM voltage may be derived from the reference or from
another stable source.
Note that the buffer used for this purpose should be a slow,
low noise amplifier. The LMC660, LMC662, LMC272 and
LMC7101 are good choices for driving the V
CM pin of the
ADC14061.
If it is desired to use a multiplexer at the analog input, that
multiplexer should be switched at the rising edge of the clock
signal.
2.0 DIGITAL INPUTS
Digital Inputs consist of CLOCK, RESET, CAL, RD and PD.
All digital input pins should remain stable from the fall of the
clock until 30ns after the fall of the clock to minimize digital
noise corruption of the input signal on the die.
2.1 The CLOCK signal drives an internal phase delay loop to
create timing for the ADC. Drive the clock input with a stable,
low phase jitter clock signal in the range of 300 kHz to 2.5
MHz. The trace carrying the clock signal should be as short
as possible. This trace should not cross any other signal line,
analog or digital, not even at 90˚.
The CLOCK signal also drives the internal state machine. If
the clock is interrupted, the data within the pipeline could be-
come corrupted.
A 100 Ohm damping resistor should be placed in series with
the CLOCK pin to prevent signal undershoot at that input.
2.2 The RESET input is level sensitive and must be pulsed
high for at least two clock cycles to reset the ADC after
power-up and before calibration (See Timing Diagram 2).
2.3 The CAL input is level sensitive and must be pulsed high
for at least two clock cycles to begin ADC calibration (See
Timing Diagram 2). Reset the ADC14061 before calibrating.
Re-calibrate after the temperature has changed by more
than 50˚C since the last calibration was performed and after
return from power down.
During calibration, use the same clock frequency that will be
used for conversions to avoid excessive offset errors.
Calibration takes 272,800 clock cycles. Irrelevant data may
appear at the data outputs during RESET or CAL and for 13
clock cycles thereafter. Calibration should not be started until
the reference outputs have settled (100mS with 1µF capaci-
tors on these outputs) after power up or coming out of the
power down mode.
2.4 RD pin is used to READ the conversion data. When the
RD pin is low, the output buffers go into the active state.
When the RD input is high, the output buffers are in the high
impedance state.
2.5 The PD pin, when low, holds the ADC14061 in a
power-down mode where power consumption is typically
less than 2mW to conserve power when the converter is not
being used. The ADC14061 will begin normal operation
within t
WU after this pin is brought high, provided a valid
CLOCK input is present. Power dissipation during shut-down
is not affected by the clock frequency, or by whether there is
a clock signal present. The data in the pipeline is corrupted
while in the power down mode. The ADC14061 should be re-
set and calibrated upon returning to normal operation after a
power down.
3.0 OUTPUTS
The ADC14061 has four analog outputs: V
REF+
OUT,
V
REF− OUT,VREF (MID) and VCM .There are 15 digital outputs:
EOC (End of Conversion) and 14 Data Output pins.
DS100103-21
FIGURE 5. V
CM input to the ADC14061 VCM is set to
40% of V
A with on-chip resistors. Performance is
improved when V
CM is driven with a stable, low
impedance source
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com