Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB500-S/SP1 Datasheet(PDF) 1 Page - LEM

Part # LB500-S/SP1
Description  Current Transducer LB 500-S/SP1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LB500-S/SP1 Datasheet(HTML) 1 Page - LEM

  LB500-S/SP1 Datasheet HTML 1Page - LEM LB500-S/SP1 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Current Transducer LB 500-S/SP1
For the electronic measurement of currents : DC, AC, pulsed...,
with a galvanic isolation between the primary circuit (high power)
and the secondary circuit (electronic circuit).
Electrical data
I
PN
Primary nominal r.m.s. current
500
A
I
P
Primary current, measuring range
0 .. ± 750
A
R
M
Measuring resistance
R
M min
R
M max
with ± 15 V
@ ± 500 A
max
5
33
@ ± 750 A
max
5
15
I
SN
Secondary nominal r.m.s. current
200
mA
K
N
Conversion ratio
1 : 2500
V
C
Supply voltage (± 5 %)
± 15
V
I
C
Current consumption
20+I
S
mA
V
d
R.m.s. voltage for AC isolation test, 50 Hz, 1 mn
6 1)
kV
Accuracy - Dynamic performance data
X
Accuracy @ I
PN, TA = 25°C
± 0.5
%
ε
L
Linearity
< 0.1
%
Typ
Max
I
O
Offset current @ I
P = 0, TA = 25°C
± 0.500 mA
I
OT
Thermal drift of I
O
+ 10°C .. + 50°C
± 0.064 mA
t
r
Response time 2) @ 90 % of I
PN
< 1
µs
di/dt
di/dt accurately followed
> 50
A/µs
f
Frequency bandwidth (- 1 dB)
DC .. 150
kHz
Zero crossing distortion
negligeable
General data
T
A
Ambient operating temperature
+ 10 .. + 50
°C
T
S
Ambient storage temperature
- 25 .. + 85
°C
R
S
Secondary coil resistance @ T
A = 50°C
30
m
Mass
670
g
Standards
EN 50178
Notes : 1) Between primary and secondary.
2)
With a di/dt of 100 A/µs
Features
Closed loop (compensated) current
transducer using the Hall effect
Insulated plastic case recognized
according to UL 94-V0.
Special features
V
C =
± 15 (± 5 %) V
K
N =
1 : 2500
Low thermal offset drift with
temperature
Better zero crossing performance
T
A =
+ 10°C .. + 50°C
Shield between primary and
secondary connected to V
C " - "
Advantages
Excellent accuracy
Very good linearity
Low temperature drift
Optimized response time
Wide frequency bandwidth
No insertion losses
High immunity to external
interference
Current overload capability.
Applications
AC variable speed drives and servo
motor drives
Static converters for DC motor drives
Battery supplied applications
Uninterruptible Power Supplies
(UPS)
Switched Mode Power Supplies
(SMPS)
Power supplies for welding
applications
HVDC transmisions.
I
PN
= 500 A
990803/2
LEM Components
www.lem.com
Preliminary


Similar Part No. - LB500-S/SP1

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
LB5001A PF-LB5001A Datasheet
513Kb / 3P
RTD Converter
2021-12-01
LB5002A PF-LB5002A Datasheet
569Kb / 3P
Thermocouple Converter
2021-12-01
logo
Europa PLC
LB5003PNL EUROPA-LB5003PNL Datasheet
617Kb / 1P
Accessory Table for Safe Switch Range
LB5003PNLGP EUROPA-LB5003PNLGP Datasheet
306Kb / 2P
AC-23@400V(415V) Enclosed Door Interlocked Load Break Switches
LB5003PNLME EUROPA-LB5003PNLME Datasheet
256Kb / 2P
AC-23@400V(415V) Enclosed Door Interlocked Load Break Switches
More results

Similar Description - LB500-S/SP1

ManufacturerPart #DatasheetDescription
logo
LEM
HAR1000-S LEM-HAR1000-S Datasheet
270Kb / 2P
Current Transducer HAR 1000-S
HAT500-S LEM-HAT500-S Datasheet
256Kb / 2P
Current Transducer HAT 500~1500-S
LA50-S LEM-LA50-S Datasheet
128Kb / 2P
Current Transducer LA 50-S/SP1
LA100-S LEM-LA100-S Datasheet
27Kb / 2P
Current Transducer LA 100-S/SP1
LA305-S LEM-LA305-S Datasheet
65Kb / 2P
Current Transducer LA 305-S
LB100-S LEM-LB100-S Datasheet
53Kb / 2P
Current Transducer LB 100-S/SP3
LB200-S LEM-LB200-S Datasheet
133Kb / 2P
Current Transducer LB 200-S/SP4
LB1000-SI LEM-LB1000-SI Datasheet
32Kb / 2P
Current Transducer LB 1000-SI/SP2
LF205P LEM-LF205P Datasheet
73Kb / 2P
Current Transducer LF 205-P/SP1
LF1005-S LEM-LF1005-S Datasheet
43Kb / 2P
Current Transducer LF 1005-S
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com