Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48USB Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # CS48USB
Description  48-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CS48USB Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  CS48USB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CS48USB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved CS48USB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
48-Device USB Charging Station Cabinet with Sync
for iPad and Android Tablets, Wall-Mount and Cart
Options, Black
MODEL NUMBER: CS48USB
Description
The CS48USB 48-Device USB Charging Station Cabinet provides fast charging, convenient syncing, secure storage and cord management for up to 48 iPad,
Android, Surface and Kindle tablets. It also charges mobile phones and other USB devices. It’s ideal for education, office, commercial, retail, industrial and
healthcare environments.
48 USB ports deliver the fastest charging supported by each device, up to 2.4A per port. The charging station also supports wired and wireless syncing,
including syncing while charging.
The steel cabinet provides comprehensive device protection. It has a powder-coated finish and locks with the included keys to prevent device theft, damage or
tampering. Flow-through ventilation prevents overheating, the coated shelves prevent scratches and scuffs, and the charging station also provides clutter-free
organization of devices and cabling.
The charging station is easy to configure. It ships fully assembled and supports mounting to a wall, desk, table, counter or floor. The front door opens 180
degrees for clear access, and removable dividers accommodate thicker devices. You can also convert the charging station to a mobile cart with Tripp Lite’s
CSHANDLEKIT accessory.
Features
Fast Charging
48 USB ports provide fastest charging supported by each device, up to 2.4A per port
Perfect for iPad, Android, Surface and Kindle tablets
Also charges mobile phones and other USB devices
Detachable 10 ft. AC input cord
Convenient Syncing
USB sync uplink port connects to host computer for wired syncing
Highlights
Fast 2.4A USB charging, syncing
and storage for 48 devices
Locking steel cabinet with
flow-through ventilation
Adjustable device dividers and
integrated cord management
Ships fully assembled and
mounts to wall, desk, table or
floor
Detachable 10 ft. power cord
Package Includes
CS48USB 48-Device USB
Charging Station Cabinet
(2) Keys for door lock
Detachable 10 ft. AC input cord
Owner’s manual
1 / 3


Similar Part No. - CS48USB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
CS48USBW TRIPPLITE-CS48USBW Datasheet
573Kb / 2P
48-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, White
More results

Similar Description - CS48USB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
CS16USB TRIPPLITE-CS16USB Datasheet
522Kb / 3P
16-Device USB Charging Station with Syncing, Secure Storage and Cord Management for iPad and Android Tablets, Black
CS16USBW TRIPPLITE-CS16USBW Datasheet
515Kb / 2P
16-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount Option, White
CS32USB TRIPPLITE-CS32USB Datasheet
579Kb / 3P
32-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, Black
CS48USBW TRIPPLITE-CS48USBW Datasheet
573Kb / 2P
48-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, White
CSC32USB TRIPPLITE-CSC32USB Datasheet
531Kb / 3P
32-Device USB Charging Station Cart with Sync for iPad and Android Tablets, Wall-Mount Option, Black
CSC16AC TRIPPLITE-CSC16AC Datasheet
169Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, Chromebooks and Laptops, Wall-Mount and Cart Options, Black
CSD1006USB TRIPPLITE-CSD1006USB Datasheet
172Kb / 4P
10-Device Desktop USB Charging Station for Tablets, iPads and E-Readers
CS16AC TRIPPLITE-CS16AC Datasheet
187Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, iPad and Android Tablets, Wall-Mount and Cart Options, Black
CSC32AC TRIPPLITE-CSC32AC Datasheet
208Kb / 4P
Multi-Device Charging Cart, 32 AC Outlets, Chromebooks and Laptops, Wall-Mount Option, Black
CSC36DM TRIPPLITE-CSC36DM Datasheet
43Kb / 2P
Display Mount Adapter Kit for 36-Device AC Charging Station Cart
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com