Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC16061 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC16061
Description  Self-Calibrating 16-Bit, 2.5 MSPS, 390 mW A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC16061 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button ADC16061 Datasheet HTML 12Page - National Semiconductor (TI) ADC16061 Datasheet HTML 13Page - National Semiconductor (TI) ADC16061 Datasheet HTML 14Page - National Semiconductor (TI) ADC16061 Datasheet HTML 15Page - National Semiconductor (TI) ADC16061 Datasheet HTML 16Page - National Semiconductor (TI) ADC16061 Datasheet HTML 17Page - National Semiconductor (TI) ADC16061 Datasheet HTML 18Page - National Semiconductor (TI) ADC16061 Datasheet HTML 19Page - National Semiconductor (TI) ADC16061 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Applications Information (Continued)
mance. Amplifiers that have been used successfully to drive
the analog inputs of the ADC16061 include the CLC427,
CLC440, LM6152, LM6154, LM6181 and the LM6182. A
small series reistor at each amplifier output and a capacitor
across the analog inputs (as shown in
Figure 7) will often im-
prove performance.
Operating with the reference pins outside of the speci-
fied range. As mentioned in section 1.2, V
REF should be in
the range of
1.8V
≤ V
REF ≤ 2.2V
with V
REF− IN ≤ 1.0V. Operating outside of these limits could
lead to excessive distortion or noise.
Using a clock source with excessive jitter, using an ex-
cessively long clock signal trace, or having other sig-
nals coupled to the clock signal trace. This will cause the
sampling interval to vary, causing excessive output noise
and a reduction in SNR performance.
Connecting pins marked
″NC″ to any potential. Some of
these pins are used for factory testing. They should all be left
floating. Connecting them to ground, power supply, or some
other voltage could result in a non-functional device.
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com