Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC16061 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC16061
Description  Self-Calibrating 16-Bit, 2.5 MSPS, 390 mW A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC16061 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC16061 Datasheet HTML 1Page - National Semiconductor (TI) ADC16061 Datasheet HTML 2Page - National Semiconductor (TI) ADC16061 Datasheet HTML 3Page - National Semiconductor (TI) ADC16061 Datasheet HTML 4Page - National Semiconductor (TI) ADC16061 Datasheet HTML 5Page - National Semiconductor (TI) ADC16061 Datasheet HTML 6Page - National Semiconductor (TI) ADC16061 Datasheet HTML 7Page - National Semiconductor (TI) ADC16061 Datasheet HTML 8Page - National Semiconductor (TI) ADC16061 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ADC16061
Self-Calibrating 16-Bit, 2.5 MSPS, 390 mW A/D Converter
General Description
The ADC16061 is a self-calibrating 16-bit, 2.5 Megasample
per second analog to digital converter. It operates on a single
+5V supply, consuming just 390mW (typical).
The ADC16061 provides an easy and affordable upgrade
from 12 bit and 14 bit converters. The ADC16061 may also
be used to replace many hybrid converters with a resultant
saving of space, power and cost.
The ADC16061 operates with excellent dynamic perfor-
mance at input frequencies up to 1⁄2 the clock frequency. The
calibration feature of the ADC16061 can be used to get more
consistent and repeatable results over the entire operating
temperature range. On-command self-calibration reduces
many of the effects of temperature-induced drift, resulting in
more repeatable conversions.
The Power Down feature reduces power consumption to
less than 2mW.
The ADC16061 comes in a TQFP and is designed to operate
over the commercial temperature range of 0˚C to +70˚C.
Features
n
Single +5V Operation
n
Self Calibration
n
Power Down Mode
Key Specifications
n
Resolution
16 Bits
n
Conversion Rate
2.5 Msps (min)
n
DNL
1.0 LSB (typ)
n
SNR (f
IN = 500 kHz)
80 dB (typ)
n
Supply Voltage
+5V ±5%
n
Power Consumption
390mW (typ)
Applications
n
PC-Based Data Acquisition
n
Document Scanners
n
Digital Copiers
n
Film Scanners
n
Blood Analyzers
n
Sonar/Radar
Connection Diagram
Ordering Information
Commercial
(0˚C
≤ TA ≤ +70˚C)
Package
ADC16061CCVT
VEG52A 52 Pin Thin Quad Flat Pack
DS100889-1
January 2000
© 2000 National Semiconductor Corporation
DS100889
www.national.com


Similar Part No. - ADC16061

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC16061 NSC-ADC16061 Datasheet
905Kb / 21P
Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
ADC16061CCVT NSC-ADC16061CCVT Datasheet
905Kb / 21P
Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
ADC16061EVAL NSC-ADC16061EVAL Datasheet
905Kb / 21P
Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
More results

Similar Description - ADC16061

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14061 NSC-ADC14061 Datasheet
471Kb / 20P
Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC14161 NSC-ADC14161 Datasheet
471Kb / 20P
Low-Distortion, Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
logo
Burr-Brown (TI)
ADS1100 BURR-BROWN-ADS1100 Datasheet
282Kb / 18P
Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
50kHz, 16-bit Self-Calibrating Sampling A/D Converter
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
Cirrus Logic
CS5016 CIRRUS-CS5016 Datasheet
397Kb / 46P
16, 14 & 12-Bit, Self-Calibrating A/D Converters
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
logo
Texas Instruments
ADS1100 TI1-ADS1100_10 Datasheet
486Kb / 22P
Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
logo
API Technologies Corp
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
47kHz, 16-bit Self-calibrating Sampling A/D Converter
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
50kHz, 16-bit Self-Calibrating Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com