Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48USBW Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # CS48USBW
Description  48-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, White
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CS48USBW Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  CS48USBW Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CS48USBW Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
48-Device USB Charging Station Cabinet with Sync
for iPad and Android Tablets, Wall-Mount and Cart
Options, White
MODEL NUMBER: CS48USBW
Description
From education to business, in settings as diverse as the hospital room and the factory floor, mobile devices
have transformed every organization. As tablet usage increases, charging and storing dozens of these valuable
devices in limited space becomes a challenge and an even bigger security risk. Tripp Lite's iPad/Tablet Charging
Stations put an end to cable sprawl and missing assets. Each station houses 48 tablets while providing
high-speed charging, convenient syncing, secure storage and flexible deployment in a variety of settings.
Compatible with all devices that charge via USB, including tablets (such as iPad®, Android™, Kindle™, Kindle
Fire™ and Surface™ models), select ultra-portable notebooks (such as select Chromebook™ and MacBook®
models) and mobile phones (such as iPhone®, Android and Windows Phone® models).
Features
Compatible with all devices that charge via USB, including tablets(such as iPad®, Android™, Kindle™, Kindle Fire™ and Surface™ models), select
ultra-portable notebooks(such as select Chromebook™ and MacBook® models) and mobile phones(such as iPhone®, Android and Windows Phone®
models)
Each USB charging port delivers up to 2.4 amps of charging current
Removable/reconfigurable dividers protect and organize each tablet
Sturdy steel construction securely houses the devices
Mounts to wall or deploys on a desk, counter or floor
Optional CSHANDLEKIT(handle, rolling casters, hardware) allows for cabinet stacking and can turn the cabinets into mobile carts
Device shelf is Teflon® coated to protect tablets from scratches during removal and storage
Flow-through ventilation prevents devices from overheating
Ships fully assembled
Specifications
Highlights
Compatible with all devices that
charge via USB, including tablets
(such as iPad®, Android™,
Kindle™, Kindle Fire™ and
Surface™ models), select
ultra-portable notebooks (such as
select Chromebook™ and
MacBook® models) and mobile
phones (such as iPhone®,
Android and Windows Phone®
models)
Simultaneously charges up to 48
tablets
Simultaneously syncs all devices
with a host computer
Locking steel doors and side
panels prevent theft and
tampering
Ships fully assembled
Package Includes
(1) Charging station cabinet
(3) Tablet shelves
(45) Removable tablet dividers
(3) 16-port USB charging/syncing
modules
(1) 10 ft. AC power cord
Owner's Manual
1 / 2


Similar Part No. - CS48USBW

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
CS48USB TRIPPLITE-CS48USB Datasheet
585Kb / 3P
48-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, Black
More results

Similar Description - CS48USBW

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
CS16USB TRIPPLITE-CS16USB Datasheet
522Kb / 3P
16-Device USB Charging Station with Syncing, Secure Storage and Cord Management for iPad and Android Tablets, Black
CS16USBW TRIPPLITE-CS16USBW Datasheet
515Kb / 2P
16-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount Option, White
CS32USB TRIPPLITE-CS32USB Datasheet
579Kb / 3P
32-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, Black
CS48USB TRIPPLITE-CS48USB Datasheet
585Kb / 3P
48-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, Black
CSC32USB TRIPPLITE-CSC32USB Datasheet
531Kb / 3P
32-Device USB Charging Station Cart with Sync for iPad and Android Tablets, Wall-Mount Option, Black
CSC16AC TRIPPLITE-CSC16AC Datasheet
169Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, Chromebooks and Laptops, Wall-Mount and Cart Options, Black
CSD1006USB TRIPPLITE-CSD1006USB Datasheet
172Kb / 4P
10-Device Desktop USB Charging Station for Tablets, iPads and E-Readers
CS16AC TRIPPLITE-CS16AC Datasheet
187Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, iPad and Android Tablets, Wall-Mount and Cart Options, Black
CSC32ACW TRIPPLITE-CSC32ACW Datasheet
186Kb / 4P
Multi-Device Charging Cart, 32 AC Outlets, Chromebooks and Laptops, Wall-Mount Option, White
CSC36DM TRIPPLITE-CSC36DM Datasheet
43Kb / 2P
Display Mount Adapter Kit for 36-Device AC Charging Station Cart
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com