Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U321-18N-20P-PM Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U321-18N-20P-PM
Description  USB 3.0 2-Port Panel Mount Adapter, 20-Pin Motherboard IDC to 2x USB Type-A Female, 18 in.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U321-18N-20P-PM Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U321-18N-20P-PM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U321-18N-20P-PM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB 3.0 2-Port Panel Mount Adapter, 20-Pin
Motherboard IDC to 2x USB Type-A Female, 18 in.
MODEL NUMBER: U321-18N-20P-PM
Description
The U321-18N-20P-PM USB 3.0 2-Port Panel Mount Adapter adds two USB 3.0 ports to your computer. Consistent with current industry standards, this
18-inch cable attaches to your PC’s motherboard with a 20-pin IDC plug. The cable’s USB-A ports support USB 3.0 data transfer speeds up to 5
Gbps—perfect for sharing video, music, images and other large files. The dual USB-A ports attach to the computer’s front panel using the included screws.
Gold-plated connectors resist corrosion and ensure optimal signal transfer. Molded construction with strain relief guarantees durability and long life. Flexible
PVC jacket makes the blue cable easy to install in tight spaces. Backward compatible with previous USB generations.
Features
Adds USB 3.0 Capability to Your PC
Dual USB-A ports attach to your computer’s front panel with included screws
20-pin IDC connector attaches to computer’s motherboard
Supports data transfer speeds up to 5 Gbps
Backward compatible with previous USB generations
Premium Construction for Premium Performance
Corrosion-resistant gold-plated connectors for optimal signal transfer
Fully molded construction with strain relief for durability and long life
Flexible PVC jacket easy to install in tight spaces
Conforms to industry standards
Specifications
INPUT
Cable Length (ft.)
1.5
Cable Length (m)
0.46
Highlights
Supports data transfer speeds up
to 5 Gbps
20-pin IDC plug connects to
computer’s motherboard
Dual USB-A ports attach to front
panel with included screws
Corrosion-resistant gold-plated
connectors
Backward compatible with
previous USB generations
Package Includes
U321-18N-20P-PM USB 3.0
2-Port Panel Mount Adapter, 18
in.
1 / 2


Similar Part No. - U321-18N-20P-PM

ManufacturerPart #DatasheetDescription
logo
NEC
U321HG NEC-U321HG Datasheet
588Kb / 2P
NEC Professional Ultra-Short-Throw Projector
U321HGI NEC-U321HGI Datasheet
530Kb / 2P
NEC Interactive Multi-Pen Projector
More results

Similar Description - U321-18N-20P-PM

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-USB-2-R ASSMANN-A-USB-2-R Datasheet
68Kb / 1P
USB ADAPTER - A TYPE FEMALE
A-USB-4-R ASSMANN-A-USB-4-R Datasheet
203Kb / 1P
USB Adapter -A TYPE FEMALE
A-USB-1 ASSMANN-A-USB-1 Datasheet
138Kb / 1P
USB B Female <=> USB A Female ADAPTER
logo
Advantech Co., Ltd.
PCM-24U2U3-AE ADVANTECH-PCM-24U2U3-AE Datasheet
239Kb / 1P
2-Port USB 3.0, mPCIe, USB-A type
logo
Tripp Lite. All Rights ...
U024-001-5P-PM TRIPPLITE-U024-001-5P-PM Datasheet
504Kb / 2P
USB 2.0 Hi-Speed Panel Mount Cable, 5-Pin Motherboard IDC to USB Type-A (F/F), 1 ft.
U024-003-5P-PM TRIPPLITE-U024-003-5P-PM Datasheet
502Kb / 2P
USB 2.0 Hi-Speed Panel Mount Cable, 5-Pin Motherboard IDC to USB Type-A (F/F), 3 ft.
U024-06N-IDC TRIPPLITE-U024-06N-IDC Datasheet
154Kb / 2P
USB 2.0 A Female to USB Motherboard 4-PIN IDC Header Cable, 6-in.
U053-000-OTG TRIPPLITE-U053-000-OTG Datasheet
170Kb / 2P
2-in-1 OTG Adapter, USB 3.0 Micro B Male and USB 2.0 Micro B Male to USB A Female
U460-002-2AM-C1 TRIPPLITE-U460-002-2AM-C1 Datasheet
161Kb / 3P
USB-C Multiport Adapter, 2x USB-A and 1X USB-C Ports, Card Reader, USB 3.0, Silver
logo
Advantech Co., Ltd.
PCM-24U2U3-BE ADVANTECH-PCM-24U2U3-BE Datasheet
342Kb / 1P
2-Port USB 3.0, mPCIe, USB-A type
10-Jul-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com