Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR2K Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # FR2K
Description  Fast Switching Surface Mount Si-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

FR2K Datasheet(HTML) 1 Page - Diotec Semiconductor

  FR2K Datasheet HTML 1Page - Diotec Semiconductor FR2K Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1)I
F = 0.5 A through/über IR = 1 A to/auf IR = 0.25 A
2) Max. temperature of the terminals T
T = 100
/C – Max. Temperatur der Anschlüsse T
T = 100
/C
100
28.02.2002
FR 2A … FR 2M
Fast Switching
Schnelle Si-Gleichrichter
Surface Mount Si-Rectifiers
für die Oberflächenmontage
Nominal current – Nennstrom
2 A
Repetitive peak reverse voltage
50…1000 V
Periodische Spitzensperrspannung
Plastic case
~ SMB
Kunststoffgehäuse
~ DO-214AA
Weight approx. – Gewicht ca.
0.1 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging taped and reeled
see page 18
Standard Lieferform gegurtet auf Rolle
siehe Seite 18
Maximum ratings and Characteristics
Grenz- und Kennwerte
Type
Typ
Rep. peak reverse voltage
Period. Spitzensperrspannung
V
RRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
V
RSM [V]
Reverse recovery time
Sperrverzugszeit
t
rr [ns]
1)
FR 2A
50
50
< 150
FR 2B
100
100
< 150
FR 2D
200
200
< 150
FR 2G
400
400
< 150
FR 2J
600
600
< 250
FR 2K
800
800
< 500
FR 2M
1000
1000
< 500
Max. average forward rectified current, R-load
T
T = 100
/CI
FAV
2 A
Dauergrenzstrom in Einwegschaltung mit R-Last
Repetitive peak forward current
f > 15 Hz
I
FRM
10 A 2)
Periodischer Spitzenstrom
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
50 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle
Rating for fusing, t < 10 ms
T
A = 25
/Ci2t
12.5 A2s
Grenzlastintegral, t < 10 ms


Similar Part No. - FR2K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
FR2K PANJIT-FR2K Datasheet
59Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
FR2K SURGE-FR2K Datasheet
80Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes?
logo
Transys Electronics
FR2K TRSYS-FR2K Datasheet
195Kb / 3P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Dc Components
FR2K DCCOM-FR2K Datasheet
534Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
FR2K MCC-FR2K Datasheet
622Kb / 3P
2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - FR2K

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
FR1A DIOTEC-FR1A Datasheet
163Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
RGL1A DIOTEC-RGL1A Datasheet
155Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
RGL34A DIOTEC-RGL34A Datasheet
228Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
FR1A DIOTEC-FR1A_07 Datasheet
102Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
FR2TSMA DIOTEC-FR2TSMA Datasheet
90Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
FR3A DIOTEC-FR3A_07 Datasheet
105Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
RGL1A DIOTEC-RGL1A_07 Datasheet
104Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
RGL34A DIOTEC-RGL34A_07 Datasheet
103Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
SA154 DIOTEC-SA154_07 Datasheet
73Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
SA261 DIOTEC-SA261_07 Datasheet
68Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com