Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR3J Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # FR3J
Description  Fast Switching Surface Mount Si-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

FR3J Datasheet(HTML) 2 Page - Diotec Semiconductor

  FR3J Datasheet HTML 1Page - Diotec Semiconductor FR3J Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Mounted on P.C. board with 50 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 50 mm2 Kupferbelag (Lötpad) an jedem Anschluß
103
28.02.2002
FR 3A … FR 3M
Operating junction temperature – Sperrschichttemperatur
T
j
– 50...+150
/C
Storage temperature – Lagerungstemperatur
T
S
– 50...+150
/C
Characteristics
Kennwerte
Forward voltage – Durchlaßspannung
T
j = 25
/CI
F = 3 A
V
F
< 1.3 V
Leakage current – Sperrstrom
T
j = 25
/CV
R = VRRM
I
R
< 5
:A
T
j = 100
/CV
R = VRRM
I
R
< 200
:A
Thermal resistance junction to ambient air
R
thA
< 50 K/W 1)
Wärmewiderstand Sperrschicht – umgebende Luft
Thermal resistance junction to terminal
R
thT
< 10 K/W
Wärmewiderstand Sperrschicht – Anschluß



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com